Electronic Components Datasheet Search
  English  ▼

X  

AP63205Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP63205Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63205Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP63205Q Datasheet HTML 9Page - Diodes Incorporated AP63205Q Datasheet HTML 10Page - Diodes Incorporated AP63205Q Datasheet HTML 11Page - Diodes Incorporated AP63205Q Datasheet HTML 12Page - Diodes Incorporated AP63205Q Datasheet HTML 13Page - Diodes Incorporated AP63205Q Datasheet HTML 14Page - Diodes Incorporated AP63205Q Datasheet HTML 15Page - Diodes Incorporated AP63205Q Datasheet HTML 16Page - Diodes Incorporated AP63205Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
13 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Typical Performance Characteristics (AP63201Q @ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless otherwise
specified.) (continued)
Figure 35. fSW vs. Load
Figure 36. Output Voltage Ripple, VOUT = 5V, IOUT = 50mA
Figure 37. Output Voltage Ripple, VOUT = 5V, IOUT = 2A
Figure 38. Output Voltage Ripple, VOUT = 3.3V, IOUT = 50mA
Figure 39. Output Voltage Ripple, VOUT = 3.3V, IOUT = 2A
0
60
120
180
240
300
360
420
480
540
600
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUTAC (20mV/div)
IL (500mA/div)
VSW (10V/div)
5μs/div
VOUTAC (20mV/div)
IL (500mA/div)
VSW (10V/div)
5μs/div
VOUTAC (20mV/div)
IL (500mA/div)
VSW (10V/div)
5μs/div
VOUTAC (20mV/div)
IL (500mA/div)
VSW (10V/div)
5μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com