Electronic Components Datasheet Search
  English  ▼

X  

148 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 148
Description  1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

148 Datasheet(HTML) 2 Page - Vishay Siliconix

  148 Datasheet HTML 1Page - Vishay Siliconix 148 Datasheet HTML 2Page - Vishay Siliconix 148 Datasheet HTML 3Page - Vishay Siliconix 148 Datasheet HTML 4Page - Vishay Siliconix 148 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
148, 149
www.vishay.com
Vishay Spectrol
Revision: 12-Apr-18
2
Document Number: 57040
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL SPECIFICATIONS
PARAMETER
148
149
Resistance range
linear
1 k
 to 1 M
100
 to 2 M
non-linear
500
 to 500 k
250
 to 1 M
Tolerance
linear
10 %
10 %
non-linear
20 % on request 10 %
10 %
Linearity (typical)
± 5 % independent
End resistance
4
 maximum each end
Power rating
0.5 W at 70 °C
0 W at 120 °C
1 W at 70 °C
0 W at 150 °C
Non-linear or PC mount, derate 50 %
Circuit diagram
Effective rotation
270° ± 10 ° without rotary switch
240° ± 10 ° with rotary switch
Contact resistance variation (typical)
1.5 % of total resistance
3 % of total resistance
Maximum continuous working voltage
350 VAC across end terminals, but within power rating
Dielectric withstanding voltage
Sea level -750 VAC
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque (typical)
Single section 0.2 oz. to 3.0 oz. - in dual or triple section 0.3 oz.-inch to 4.5 oz.-inch
End stop torque
bushing A and B
2.1 lb-inch max.
bushing F
6.8 lb-inch max.
Weight (approx.)
single
0.19 oz.
dual
0.27 oz.
triple
0.35 oz.
Terminals
electrical elements
e3: pure Sn
switch elements
e4: gold plated
ENVIRONMENTAL SPECIFICATIONS
148
149
Operating temperature
-40 °C to +125 °C
-40 °C to +125 °C
Storage temperature
-55 °C to +125 °C
-55 °C to +125 °C
Temperature cycling (5 cycles)
-40 °C to +125 °C (4 %
R
T)
-40 °C to +125 °C (3 %
R
T)
Load life (1000 h rated load at 70 °C)
10 %
R
T
5 %
R
T
Mechanical endurance
50 000 cycles
TCR (typical)
± 500 ppm/°C
± 150 ppm/°C
Sealing
IP64
MARKING
Vishay logo, SAP code of ohmic value, tolerance in %, variation law, manufacturing date (four digits), “3” for the lead 3, product series
(148, 149)
a
(1)
b
(2)
c
(3)
cw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com