Electronic Components Datasheet Search
  English  ▼

X  

248 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 248
Description  1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

248 Datasheet(HTML) 2 Page - Vishay Siliconix

  248 Datasheet HTML 1Page - Vishay Siliconix 248 Datasheet HTML 2Page - Vishay Siliconix 248 Datasheet HTML 3Page - Vishay Siliconix 248 Datasheet HTML 4Page - Vishay Siliconix 248 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
248, 249
www.vishay.com
Vishay Spectrol
Revision: 30-Aug-17
2
Document Number: 57054
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Hardware supplied in separate bags
ELECTRICAL SPECIFICATIONS
PARAMETER
MODEL 248
MODEL 249
Element type
Conductive plastic
Cermet
Total resistance range
500
 to 1 M
Standard series
1, 2, 5
Resistance tolerance
± 20 %
± 20 % (on request ± 10 %)
Power rating
Linear
0.5 W at 70 °C
1.0 W at 70 °C
Circuit diagram
Temperature coefficient of resistance (typical)
± 500 ppm/°C
± 150 ppm/°C
Linearity (typical)
± 5 % independent
Limiting element voltage
300 V
Contact resistance variation (typical)
5 % of the total resistance
Insulation resistance
1000 M
 minimum, 500 V
DC
Dielectric strength
750 VRMS minimum 50 Hz / 60 Hz
End resistance
2
 maximum each end
Effective electrical travel
265° ± 5°
0
50
150
125
0
AMBIENT TEMPERATURE IN °C
70
25
100
0.5
0
50
150
125
0
AMBIENT TEMPERATURE IN °C
70
25
100
1
1
2
3
CW
MECHANICAL SPECIFICATIONS
Mechanical travel
295° ± 5°
Operating torque
0.1 Ncm to 2 Ncm
End stop torque
35 Ncm (50 oz.-inch)
Max. tightening torque
150 Ncm
Weight
8.3 g (0.29 oz.)
(1/4" x 7/8" FMF metal shaft)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55 / 125 / 4
Sealing
IP 50
MARKING
•Vishay model
•Vishay logo
•Variation law
• SAP code for ohmic value
• Tolerance in %
• Date code (4 digits)
• Terminal identification “3” for lead 3
PACKAGING
• In box of 25 pieces, code BO25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com