Electronic Components Datasheet Search
  English  ▼

X  

14S505KB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 14S505KB
Description  Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

14S505KB Datasheet(HTML) 1 Page - Vishay Siliconix

  14S505KB Datasheet HTML 1Page - Vishay Siliconix 14S505KB Datasheet HTML 2Page - Vishay Siliconix 14S505KB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
14S, 17S, 18S
www.vishay.com
Vishay Techno
Revision: 26-Jul-2021
1
Document Number: 68017
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multi-Turn 1/4" (6.35 mm) Square Wirewound Trimmers
APPLICATIONS
Wirewound trimmers are particularly useful in those
applications where any combination of high power, low
temperature coefficient of resistance and/or excellent long
term life stability are important design considerations.
MECHANICAL SPECIFICATIONS
Operating torque: 3 oz.-inches maximum, 17S and 18S,
5 oz.-inches maximum, 14S
Rotation: clutch stop, wiper idles
Weight: 0.935 g maximum
Resistive element: nickel chromium
Rotational life: 200 cycles minimum
Terminal strength: 2 lbs for 10 s
FEATURES
• Precious metal wiper
• 0.25 W to +85 °C
• TCR < 50 ppm/°C
• Solderable leads
• Special configurations available
• Military quality at affordable prices
ENVIRONMENTAL SPECIFICATIONS
Temperature limits: -65 °C to +175 °C
Sealing: fully sealed case (non-hermetic)
Note
(1) Other resistances available upon request
ELECTRICAL SPECIFICATIONS
Electrical travel
22 turns ± 4 turns
Resistance range
10
Ω to 5 kΩ (extended range
available in non MIL-SPEC product)
Resistance tolerance
± 5 % standard
Temperature
coefficient
(-65 °C to +150 °C)
± 50 ppm/°C
Power rating
0.5 W at +85 °C derated to 0 W at
+150 °C, these specifications exceed
MIL-SPEC
End resistance
1
Ω or 2 %, whichever is greater
Equivalent noise
resistance (ENR)
100
Ω maximum
Dielectric (DWV)
1000 VAC at atmospheric pressure,
these specifications exceed
MIL-SPEC
Insulation resistance
> 100 000 M
Ω (500 VDC), these
specifications exceed MIL-SPEC
STANDARD RESISTANCE VALUES
RESISTANCE (1)
(
Ω)
NOMINAL RESOLUTION
(%)
10
1.65
20
1.35
50
1.13
100
0.82
200
0.62
500
0.62
1K
0.49
2K
0.34
5K
0.27
10K
0.21
20K
0.17
25K
0.16
CIRCUIT DIAGRAM
1
2
3
CW
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 14S500RB (preferred part number format)
GLOBAL MODEL
TYPE
RESISTANCE VALUE
PACKAGING
14 = side adjustment screw
17 = top adjustment screw
18 = side adjustment screw
/ = continuous rotation
S = clutch stop
R = decimal
K = thousand
100R = 100
Ω
5K00 = 5 k
Ω
B = bulk
Historical Part Numbering: 14s501 (will continue to be accepted)
14
s
501
HISTORICAL MODEL
TYPE
RESISTANCE VALUE
S5
0
R
B
0
14


Similar Part No. - 14S505KB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
14S-1 AMPHENOL-14S-1 Datasheet
2Mb / 38P
Amphenol 97 Series Connectors
12-022-18
14S-2 AMPHENOL-14S-2 Datasheet
2Mb / 38P
Amphenol 97 Series Connectors
12-022-18
logo
Multicomp Pro
14S-2D MULTICOMP-14S-2D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
logo
Amphenol Corporation
14S-4 AMPHENOL-14S-4 Datasheet
2Mb / 38P
Amphenol 97 Series Connectors
12-022-18
14S-5 AMPHENOL-14S-5 Datasheet
2Mb / 38P
Amphenol 97 Series Connectors
12-022-18
More results

Similar Description - 14S505KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
08-Feb-10
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
17-Oct-2018
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com