Electronic Components Datasheet Search
  English  ▼

X  

P10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P10
Description  3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10 Datasheet(HTML) 3 Page - Vishay Siliconix

  P10 Datasheet HTML 1Page - Vishay Siliconix P10 Datasheet HTML 2Page - Vishay Siliconix P10 Datasheet HTML 3Page - Vishay Siliconix P10 Datasheet HTML 4Page - Vishay Siliconix P10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P10
www.vishay.com
Vishay Sfernice
Revision: 01-Oct-2019
3
Document Number: 51030
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
MECHANICAL SPECIFICATIONS
Mechanical travel
290° ± 5
Operating torque (typical)
2 Ncm max.
2.83 oz.-inch max.
End stop torque
7 Ncm max.
9.9 oz.-inch max.
Tightening torque of mounting nut
25 Ncm max.
2.2 lb-inch max.
Unit weight
1 g
3.5 10-2 oz.
Terminals
3: Pure Sn
Shafts
Standard shaft 20 mm length (R or Al code) and 16 mm length (D or AG code) is measured
from the mounting face to the free end of the shaft.
Vishay guarantee is lost if the customer modifies the shaft himself.
Hardware
Nuts and washer are supplied separately (not mounted on the potentiometer) in a small bag
placed in the packaging.
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/100/56
Sealing
Fully sealed - Container IP67
MARKING
Vishay trademark
Model
Ohmic value code
Tolerance code
Manufacturing date code
Marking of terminals 3
The ohmic value is indicated by a 3 figures code: The first two digits are significant figures,
the third digit is the multiplier:
Example:
101 = 100
Ω
102 = 1000
Ω
503 = 50 000
Ω
The manufacturing date is indicated by a figures code. The first two digits are the year, the
last two digits are the week.
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT (%)
ΔR1-2/R1-2 (%)
OTHER
Electrical endurance
1000 h at rated power
90'/30' - ambient temp. 70 °C
± 1 %
± 2 %
Contact resistance
variation: 1 %
Climatic sequence
Phase A dry heat 100 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 1 %
± 2 %
-
Damp heat, steady state
56 days
40 °C 93 % HR
± 1 %
± 2 %
Dielectric strength:
1000 VRMS
Insulation resistance:
> 104 M
Ω
Change of temperature
5 cycles
-55 °C at 100 °C
± 1 %
-
ΔV1-2/V1-3 ≤ ± 2 %
Mechanical endurance
10 000 cycles
± 3 %
-
Contact resistance
variation:
≤ 2 % Rn
Shock
50 g’s at 11 ms
3 successive shocks
in 3 directions
± 0.5 %
± 1 %
-
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g’s
during 6 h
± 0.5 %
-
ΔV1-2/V1-3 ≤ ± 1 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com