Electronic Components Datasheet Search
  English  ▼

X  

CSPR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CSPR
Description  Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Enclosure, EDG, RD, RB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSPR Datasheet(HTML) 1 Page - Vishay Siliconix

  CSPR Datasheet HTML 1Page - Vishay Siliconix CSPR Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSPR
www.vishay.com
Vishay Milwaukee
Revision: 31-Jul-14
1
Document Number: 31861
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Customer Special Resistors in Enclosures (CSPR),
Wirewound Resistors, Industrial Power, Tubular, Fixed,
Adjustable, Enclosure, EDG, RD, RB
CAPABILITIES
• Customer special design options include
- Electrical: Tolerance, wattage, resistance, dielectric
withstanding
voltage,
surge
ability,
temperature
coefficient
- Mechanical: Overall dimensions, mounting type, and
configuration, insulation
- Connection: Wire leads, connectors, terminal type, size,
set-in, and material
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
CONTACT INFORMATION
For design assistance, contact: vishaymilwaukeeresistor@vishay.com
STANDARD PRODUCT DATASHEETS
EDGF, EDGA
www.vishay.com/doc?31831
EDGU
www.vishay.com/doc?31855
RDEF, RDSF
www.vishay.com/doc?31829
RDEA, RDSA
www.vishay.com/doc?31830
RBEF, RBSF
www.vishay.com/doc?31807
RBEA, RBSA
www.vishay.com/doc?31809
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CSPR0300R3000B1234 (CS62 300 W 0.3
 Bulk 1234)
C
S
P
R
0
300
R
3
0
0
0
B
12
34
MODEL
(2 digits)
TYPE
(2 digits)
SIZE
(4 digit)
VALUE
(5 digits)
PACKAGING
(1 digit)
SPECIAL
(4 digits)
CS
PR = PRO
Sample Sizes:
K = Thousand
0300 = 300 W
19K5 = 19.5 kW
Sample Sizes:
L = m
R = Decimal
K = Thousand
5L000 = 0.005
R1500 = 0.15
1K500 = 1.5 k
resultant wattage
B = Bulk
Allowable range:
0000 to ZZZZ
alphanumeric
1234 = Internal
customer drawing
number


Similar Part No. - CSPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSPR VISHAY-CSPR Datasheet
98Kb / 2P
Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Enclosure, EDG, RD, RB
31-Jul-14
logo
China Semiconductor Cor...
CSPR-N30ASB4-A0R CHINASEMI-CSPR-N30ASB4-A0R Datasheet
257Kb / 6P
LED
CSPR-N30ASW4-A0R CHINASEMI-CSPR-N30ASW4-A0R Datasheet
272Kb / 6P
LED
CSPR-N30ATG4-A0R CHINASEMI-CSPR-N30ATG4-A0R Datasheet
257Kb / 6P
LED
CSPR-N32DSB4-A0R CHINASEMI-CSPR-N32DSB4-A0R Datasheet
254Kb / 6P
LED
More results

Similar Description - CSPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSPR VISHAY-CSPR Datasheet
98Kb / 2P
Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Enclosure, EDG, RD, RB
31-Jul-14
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
RBEF VISHAY-RBEF Datasheet
140Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Ribwound (RB), Fixed (RBEF, RBSF)
04-Mar-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
RDEF VISHAY-RDEF Datasheet
92Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Fixed (RDEF, RDSF)
04-Mar-16
RDEA VISHAY-RDEA Datasheet
108Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Adjustable (RDEA, RDSA)
04-Mar-16
CS61 VISHAY-CS61_V01 Datasheet
80Kb / 2P
Customer Special Ribwound Resistor (CS61), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RBEF, RBSF, RBEA, RBSA
07-Aug-14
CS62 VISHAY-CS62_V01 Datasheet
72Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CS63 VISHAY-CS63_V01 Datasheet
78Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
CSFR VISHAY-CSFR_V01 Datasheet
92Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com