Electronic Components Datasheet Search
  English  ▼

X  

P12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometer Professional Grade
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 2 Page - Vishay Siliconix

  P12 Datasheet HTML 1Page - Vishay Siliconix P12 Datasheet HTML 2Page - Vishay Siliconix P12 Datasheet HTML 3Page - Vishay Siliconix P12 Datasheet HTML 4Page - Vishay Siliconix P12 Datasheet HTML 5Page - Vishay Siliconix P12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P12
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
2
Document Number: 51033
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 10°
Resistance range
linear taper
22
Ω to 10 MΩ
logarithmic taper
100
Ω to 2.2 MΩ
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
standard
± 20 %
on request
± 10 %
Taper
Circuit diagram
Power rating
linear 1 W at +70 °C
logarithmic 0.5 W at +70 °C
Temperature coefficient
See Standard Resistance Element Data
Limiting element voltage (linear taper)
350 V
Contact resistance variation (typical)
3 % or 3
Ω
End resistance (typical)
1
Ω
Dielectric strength (RMS)
2000 V
Insulation resistance (500 VDC)
106 M
Ω
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Mechanical travel
2 Ncm max.
End stop torque
bushing O
bushings T and Q
15 Ncm max.
35 Ncm max.
Tightening torque
150 Ncm max.
Unit weight
7.6 g to 10 g max.
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A
a
c
b
cw
(2)
(3)
(1)
0
40
140
125
0.5
0
AMBIENT TEMPERATURE IN °C
70
60
20
100
80
LIN. TAPER A
LOG. TAPER L AND F
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com