Electronic Components Datasheet Search
  English  ▼

X  

P8P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P8P
Description  8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8P Datasheet(HTML) 3 Page - Vishay Siliconix

  P8P Datasheet HTML 1Page - Vishay Siliconix P8P Datasheet HTML 2Page - Vishay Siliconix P8P Datasheet HTML 3Page - Vishay Siliconix P8P Datasheet HTML 4Page - Vishay Siliconix P8P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P8P
www.vishay.com
Vishay Sfernice
Revision: 27-Apr-17
3
Document Number: 51019
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
P8PX - P8PY
P8PT
TYPICAL
TCR
-55 °C
+125 °C
MAX. POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
CURRENT
THROUGH
WIPER
MAX. POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
CURRENT
THROUGH
WIPER
WV
mA
WV
mA
ppm/°C
10
0.50
2.24
224
1.0
3.16
316
± 100
22
0.50
3.32
150
1.0
4.69
213
47
0.50
4.85
103
1.0
6.86
146
100
0.50
7.07
70
1.0
10.0
100
220
0.50
10.5
47
1.0
14.8
67
470
0.50
15.3
32
1.0
21.7
46
1K
0.50
22.4
22
1.0
31.6
32
2.2K
0.50
33.2
15
1.0
46.9
21
4.7K
0.50
48.5
10
1.0
68.6
15
10K
0.50
70.7
7.0
1.0
100.0
10.0
22K
0.50
105
4.8
1.0
148
6.7
47K
0.50
153
3.2
1.0
217
4.6
100K
0.50
224
2.2
0.63
250
2.5
220K
0.28
250
1.1
0.28
250
1.1
470K
0.13
250
0.53
0.13
250
0.53
1M
0.06
250
0.25
0.06
250
0.25
2.2M
0.028
250
0.11
0.03
250
0.11
PERFORMANCE
CECC 41100
TYPICAL VALUES AND DRIFTS
TESTS
CONDITIONS
RT
RT
(%) REQUIREMENTS
R
1-2
R1-2
(%)
RT
RT
(%)
R
1-2
R1-2
(%)
Climatic sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 2 %
± 3 %
± 0.5 %
± 1 %
Long term damp heat
56 days
40 °C, 93 % RH
± 2 %
± 3 %
± 0.5 %
± 1 %
Dielectric strength: 700 V
Insulation resistance: > 100 M
Dielectric strength: 1000 V
Insulation resistance: > 104 M
Rotational life
200 cycles
± 2 %
± 1 %
Contact res. variat.: < 5 % Rn
Contact res. variat.: < 2 % Rn
Load life
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 2 %
± 3 %
± 1 %
± 2 %
Contact res. variat.: < 5 % Rn
Contact res. variat.: < 1 % Rn
Rapid temperature
Change
5 cycles
-55 °C to +125 °C
± 1.5 %
V
1-2
V1-3
 ± 1 %
± 0.2 %
V
1-2
V1-3
 ± 0.5 %
Shock
50 g at 11 m s
3 successive shocks
in 3 directions
± 1 %
± 2 %
± 0.1 %
± 0.5 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g
during 6 h
± 1 %
V
1-2
V1-3
 ± 2 %
± 0.2 %
V
1-2
V1- 3
 ± 0.5 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com