Electronic Components Datasheet Search
  English  ▼

X  

TS3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS3
Description  3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS3 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS3 Datasheet HTML 1Page - Vishay Siliconix TS3 Datasheet HTML 2Page - Vishay Siliconix TS3 Datasheet HTML 3Page - Vishay Siliconix TS3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS3
www.vishay.com
Vishay Sfernice
Revision: 02-Mar-18
1
Document Number: 51041
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3 mm Square Surface Mount Miniature Trimmer
Single-Turn Cermet Sealed
DESIGN SUPPORT TOOLS
FEATURES
• 0.125 W at 70 °C
• Small size for optimum packaging density
• Suitable for both manual and automatic operations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
click logo to get started
Available
Models
DIMENISONS in millimeters (inches) ± 0.25 mm (± 0.010")
TS3YJ
RECOMMENDED SOLDERING AREAS
2.2 ± 0.2
(0.087 ± 0.008)
0.15
(0.006)
1.3 ± 0.1
(0.051 ± 0.004)
0.66 ± 0.1
(0.026 ± 0.004)
2 places
2.3 ± 0.2
(0.091 ± 0.008)
1.5 ± 0.15
(0.059 ± 0.006)
2 places
1.47 ± 0.15
(0.058 ± 0.006)
2
3
1
Adjustment slot
0.52 (0.020) wide
x 1.93 (0.076) long
x 0.51 (0.020) deep
3.2 + 0.4/- 0.2
(0.126 + 0.016/- 0.008)
3.5 ± 0.2
(0.138 ± 0.008)
Marking:
• Resistance code
• Date code
1.6 (0.063)
1.6 (0.063)
4.5
(0.177)
0.65
(0.026)
1.1 (0.043)
0.6 (0.024)
0.6 (0.024)
1.1 (0.043)
1.6 (0.063)


Similar Part No. - TS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS3 ETC2-TS3 Datasheet
393Kb / 5P
Thermal Sensors MOXIE
logo
STATEK CORPORATION
TS3 STATEK-TS3 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
logo
List of Unclassifed Man...
TS3-0155-32S-P1 ETC2-TS3-0155-32S-P1 Datasheet
440Kb / 10P
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
TS3-0155-32S-P1-E ETC2-TS3-0155-32S-P1-E Datasheet
440Kb / 10P
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
More results

Similar Description - TS3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
09-Nov-06
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Vishay Siliconix
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
T73 VISHAY-T73_17 Datasheet
125Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
23-Sep-15
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
T73 VISHAY-T73_V01 Datasheet
115Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
31-Aug-2018
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com