Electronic Components Datasheet Search
  English  ▼

X  

TS4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS4
Description  Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS4 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS4 Datasheet HTML 1Page - Vishay Siliconix TS4 Datasheet HTML 2Page - Vishay Siliconix TS4 Datasheet HTML 3Page - Vishay Siliconix TS4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS4
www.vishay.com
Vishay Sfernice
Revision: 31-Aug-2018
1
Document Number: 51053
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn,
Industrial Grade
DESIGN SUPPORT TOOLS
FEATURES
• 0.25 W at 70 °C
• Fully sealed to withstand board washing
• Compatible
with
popular
vacuum
pick-and-place equipment
• J-hook and gull-wing configurations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
click logo to get started
Available
Models
DIMENSIONS in millimeters (inches) ± 0.25 mm (± 0.010")
TS4YJ
TS4YL
ELECTRICAL SPECIFICATIONS
Resistance range
10
 to 2 M (see Standard Resistance table)
Tolerance
± 20 % standard
End resistance
1 % or 2
 maximum, whichever is greater
Temperature coefficient
± 100 ppm/°C
Power rating
0.25 W at +70 °C (300 V maximum), 0 W at +125 °C
Circuit diagram
Contact resistance variation (CRV)
1 % or 3
Resolution
Infinite
Insulation resistance (500 VDC)
100 M
 minimum
Dielectric strength (RMS)
Sea level 500 VAC (1 minute)
Adjustment angle
210° nominal
Recommended PCB footprint
2.30 (0.091)
1.30 (0.051)
2 places
4.0
(0.157)
2.0 (0.079)
3 places
2.0
(0.079)
2.35 (0.093)
0.800 ± 0.100
(0.031 ± 0.004)
2 places
1.0 (0.040)
3 places
0.200 (0.008)
typ.
Adjustment cross slot
2.45 (0.096) long
x 0.510 (0.020) wide
2
3
1
4.50
(0.177)
4.50
(0.177)
2.55
(0.100)
5.00
(0.197)
5.00
(0.197)
1.30 ± 0.100
(0.051 ± 0.004)
Recommended PCB footprint
2.30 (0.091)
1.30 (0.051)
2 places
5.5
(0.217)
2.0
(0.079)
1.30 (0.051)
3 places
Adjustment cross slot
2.45 (0.096) long
x 0.510 (0.020) wide
2
3
1
4.50
(0.177)
4.50
(0.177)
0.200 (0.008)
typ.
0.600 (0.024)
typ.
5° max.
typ.
0.800 ± 0.100
(0.031 ± 0.004)
2 places
6.20
(0.244)
0.197
[5.0]
1.30 ± 0.100
(0.051 ± 0.004)
2.55
(0.100)
2.35
(0.093)
cw
2
1
3
Wiper
Clockwise
ccw


Similar Part No. - TS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS4 VISHAY-TS4 Datasheet
103Kb / 4P
Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
24-Sep-15
logo
Same Sky Devices
TS40 SAMESKY-TS40 Datasheet
289Kb / 4P
TACTILE SWITCH
11/20/2025
logo
Bothhand USA, LP.
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS4040 STMICROELECTRONICS-TS4040 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results

Similar Description - TS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM43 VISHAY-TSM43 Datasheet
196Kb / 3P
Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
19-Jan-04
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS4 VISHAY-TS4 Datasheet
103Kb / 4P
Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
24-Sep-15
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com