Electronic Components Datasheet Search
  English  ▼

X  

TS5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS5
Description  5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS5 Datasheet(HTML) 2 Page - Vishay Siliconix

  TS5 Datasheet HTML 1Page - Vishay Siliconix TS5 Datasheet HTML 2Page - Vishay Siliconix TS5 Datasheet HTML 3Page - Vishay Siliconix TS5 Datasheet HTML 4Page - Vishay Siliconix TS5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS5
www.vishay.com
Vishay Sfernice
Revision: 13-Dec-2022
2
Document Number: 51007
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
220° ± 15°
Resistance range
10
Ω to 1 MΩ
Standard series
1 - 2 - 5
Tolerance standard
± 10 %
Variation law
Linear
Power rating
0.25 W at 70 °C
Temperature coefficient
See Standard Resistance Element Data table
Limiting element voltage (linear law)
200 V
Contact resistance variation
1 % or 3
Ω
End resistance (typical)
0.1 % or 3
Ω
Dielectric strength (RMS)
1000 V
Insulation resistance
1 G
Ω
MECHANICAL SPECIFICATIONS
Mechanical travel
270° ± 10°
Operating torque (max. Ncm)
1.5
End stop torque (max. Ncm)
3.5
Net weight (max. g)
0.15
Terminals
Pure Sn (e3)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/56
Sealing
Sealed container IP67
MSL level
4
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
Caution
Reflow soldering must be done within 72 h while stored under a max. temperature of 30 °C, 60 % RH after opening the dry pack envelope.
a
(1)
b
(2)
c
(3)
cw
CIRCUIT DIAGRAM
0
20
40
60
100
120
140
155
70
0.05
0
0.10
0.15
0.20
0.25
AMBIENT TEMPERATURE IN °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com