Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8053
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 2 Page - Analog Devices

  LTM8053 Datasheet HTML 1Page - Analog Devices LTM8053 Datasheet HTML 2Page - Analog Devices LTM8053 Datasheet HTML 3Page - Analog Devices LTM8053 Datasheet HTML 4Page - Analog Devices LTM8053 Datasheet HTML 5Page - Analog Devices LTM8053 Datasheet HTML 6Page - Analog Devices LTM8053 Datasheet HTML 7Page - Analog Devices LTM8053 Datasheet HTML 8Page - Analog Devices LTM8053 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM8080
2
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator
Minimum Input Voltage
l
3.5
V
Quiescent Current into VIN
RUN = 0V
8
μA
Maximum VBUS Output Current
VBUS = 2.5V, VOUT = 1.3V, IOUT = 1mA (Note 3)
1.5
A
Switching Frequency
RT = 221k
RT = 40.2k
RT = 16.2k
200
1
2.2
kHz
MHz
MHz
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN ...................................................................42V
VBUS, VOUTn, VSNSn, SETn, PGn, PGFBn .....................9V
SYNC ..........................................................................6V
SS ...............................................................................4V
Maximum Internal Temperature (Note 2) .............. 125°C
Storage Temperature............................. –55°C to 125°C
Peak Reflow Solder Body Temperature ................ 250°C
(Note 1)
VIN
GND
TOP VIEW
GND
SYNC
PG1
PGFB1
PGFB2
PG2
VSNS1
SET1
SET2
VSNS2
RUN
SS
RT
6
5
4
3
2
1
A
B
C
D
E
F
G
H
BGA PACKAGE
48-PIN (9mm × 6.25mm × 3.32mm)
TJMAX = 125°C, θJA = 22.6°C/W, θJCtop = 40°C/W,
θJCbot = 9.7°C/W, WEIGHT = 0.45g
BANK 2
BANK 4
GND
BANK 5
VOUT1
BANK 3
VOUT2
BANK 1
VBUS
NOTES:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
3) SEE THE TYPICAL PERFORMANCE CHARACTERISTICS SECTION FOR
LAB-MEASURED DERATING CURVES.
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted (Note 2).
PART NUMBER
TERMINAL FINISH
PART MARKING
PACKAGE TYPE
MSL RATING
TEMPERATURE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM8080EY#PBF
SAC305 (RoHS)
LTM8080Y
e1
BGA
4
–40°C to 125°C
LTM8080IY#PBF
SAC305 (RoHS)
LTM8080Y
e1
BGA
4
–40°C to 125°C
LTM8080MPY#PBF
SAC305 (RoHS)
LTM8080Y
e1
BGA
4
–55°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended BGA PCB Assembly and Manufacturing Procedures.
• BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com