Electronic Components Datasheet Search
  English  ▼

X  

CMLM3405 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM3405
Description  MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM3405 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM3405 Datasheet HTML 1Page - Central Semiconductor Corp CMLM3405 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (SOT-563 Package): (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS Q1: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
1.0
A
Collector Current (Peak)
ICM
1.5
A
MAXIMUM RATINGS D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤ 1ms
IFRM
3.5
A
Forward Surge Current, tp = 8ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=40V
100
nA
IEBO
VEB=6.0V
100
nA
BVCBO
IC=100µA
40
V
BVCEO
IC=10mA
25
V
BVEBO
IE=100µA
6.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
20
50
mV
VCE(SAT)
IC=100mA, IB=10mA
35
75
mV
VCE(SAT)
IC=200mA, IB=20mA
75
150
mV
VCE(SAT)
IC=500mA, IB=50mA
130
250
mV
VCE(SAT)
IC=800mA, IB=80mA
200
400
mV
VCE(SAT)
IC=1.0A, IB=100mA
250
450
mV
VBE(SAT)
IC=800mA, IB=80mA
1.1
V
VBE(ON)
VCE=1.0V, IC=10mA
0.9
V
CMLM3405
MULTI DISCRETE MODULE ™
SURFACE MOUNT
HIGH CURRENT
LOW VCE (SAT) SILICON NPN TRANSISTOR
AND
LOW VF SILICON SCHOTTKY DIODE
SOT-563 CASE
Central
Semiconductor Corp.
TM
R0 (23-March 2005)
DESCRIPTION:
The Central Semiconductor CMLM3405 is a single
NPN Transistor and Schottky Diode packaged in a
space saving SOT-563 case and designed for small
signal general purpose applications where size and
operational efficiency are prime requirements.
• Complementary Device: CMLM7405
• Combination High Current Low VCE (SAT)
Transistor and Low VF Schottky Diode.
MARKING CODE: C53
TM


Similar Part No. - CMLM3405

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM3405 CENTRAL-CMLM3405_10 Datasheet
587Kb / 2P
SURFACE MOUNT HIGH CURRENT LOW VCE(SAT) SILICON NPN TRANSISTOR
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results

Similar Description - CMLM3405

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0405 CENTRAL-CMLM0405 Datasheet
105Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0605 CENTRAL-CMLM0605 Datasheet
105Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM2205 CENTRAL-CMLM2205 Datasheet
104Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM7405 CENTRAL-CMLM7405 Datasheet
62Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CTLM1034-M832D CENTRAL-CTLM1034-M832D Datasheet
241Kb / 2P
MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CTLM1074-M832D CENTRAL-CTLM1074-M832D Datasheet
241Kb / 2P
MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CMLM0405 CENTRAL-CMLM0405_10 Datasheet
587Kb / 2P
SURFACE MOUNT LOW VCE(SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0605 CENTRAL-CMLM0605_10 Datasheet
587Kb / 2P
SURFACE MOUNT LOW VCE(SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_10 Datasheet
587Kb / 2P
SURFACE MOUNT HIGH CURRENT LOW VCE(SAT) SILICON NPN TRANSISTOR
CTLM1034-M832D CENTRAL-CTLM1034-M832D_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON LOW VCE(SAT) NPN TRANSISTOR AND LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com