Electronic Components Datasheet Search
  English  ▼

X  

TTC017 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TTC017
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC017 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TTC017 Datasheet HTML 1Page - Toshiba Semiconductor TTC017 Datasheet HTML 2Page - Toshiba Semiconductor TTC017 Datasheet HTML 3Page - Toshiba Semiconductor TTC017 Datasheet HTML 4Page - Toshiba Semiconductor TTC017 Datasheet HTML 5Page - Toshiba Semiconductor TTC017 Datasheet HTML 6Page - Toshiba Semiconductor TTC017 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TTC017
3
5.2.
5.2.
5.2.
5.2. Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Collector output capacitance
Transition frequency
Switching time (rise time)
Switching time (storage time)
Switching time (fall time)
Symbol
Cob
fT
tr
tstg
tf
Test Condition
VCB = 10 V, IE = 0 A, f = 1 MHz
VCE = 2 V, IC = 0.5 A
See Figure 5.2.1.
VCC
≈ 24 V, RL = 24 Ω,
IB1 = 0.1 A, IB2 = 0.1 A
Min
Typ.
14
150
50
400
150
Max
Unit
pF
MHz
ns
Fig.
Fig.
Fig.
Fig. 5.2.1
5.2.1
5.2.1
5.2.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
6.
6.
6.
6. Marking (Note)
Marking (Note)
Marking (Note)
Marking (Note)
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
2015-03-24
Rev.1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com