Electronic Components Datasheet Search
  English  ▼

X  

5452844 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452844
Description  Printed-circuit board connector - BCVP-381W- 4 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452844 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452844 Datasheet HTML 1Page - PHOENIX CONTACT 5452844 Datasheet HTML 2Page - PHOENIX CONTACT 5452844 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452844
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-381W- 4 BK - 5452844
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.81 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002638


Similar Part No. - 5452844

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452840 PHOENIX-5452840 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF-19 BK
5452841 PHOENIX-5452841 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF-20 BK
5452842 PHOENIX-5452842 Datasheet
83Kb / 3P
Printed-circuit board connector - BCVP-381W- 2 BK
04/25/2016
5452843 PHOENIX-5452843 Datasheet
83Kb / 3P
Printed-circuit board connector - BCVP-381W- 3 BK
04/25/2016
5452845 PHOENIX-5452845 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W- 5 BK
More results

Similar Description - 5452844

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452849 PHOENIX-5452849 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W- 9 BK
5452856 PHOENIX-5452856 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-16 BK
5452845 PHOENIX-5452845 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W- 5 BK
5452847 PHOENIX-5452847 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W- 7 BK
5452851 PHOENIX-5452851 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-11 BK
5452852 PHOENIX-5452852 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-12 BK
5452853 PHOENIX-5452853 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-13 BK
5452854 PHOENIX-5452854 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-14 BK
5452848 PHOENIX-5452848 Datasheet
83Kb / 3P
Printed-circuit board connector - BCVP-381W- 8 BK
04/25/2016
5452850 PHOENIX-5452850 Datasheet
83Kb / 3P
Printed-circuit board connector - BCVP-381W-10 BK
04/25/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com