Electronic Components Datasheet Search
  English  ▼

X  

TTC021 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TTC021
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC021 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TTC021 Datasheet HTML 1Page - Toshiba Semiconductor TTC021 Datasheet HTML 2Page - Toshiba Semiconductor TTC021 Datasheet HTML 3Page - Toshiba Semiconductor TTC021 Datasheet HTML 4Page - Toshiba Semiconductor TTC021 Datasheet HTML 5Page - Toshiba Semiconductor TTC021 Datasheet HTML 6Page - Toshiba Semiconductor TTC021 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TTC021
1
Bipolar Transistors Silicon NPN Epitaxial Type
TTC021
Start of commercial production
2022-10
1. Applications
•
High-Speed Switching
•
DC-DC Converters
2. Features
(1)
High DC current gain: hFE = 120 to 240 (VCE = 2 V, IC = 0.3 A)
(2)
Low collector-emitter saturation voltage: VCE(sat) = 0.15 V (max) (IC = 1.0 A, IB = 0.1 A)
(3)
High-speed switching: tf = 170 ns (typ.) (IC = 1.0 A)
3. Packaging and Internal Circuit
PW-Mini
1. Base
2. Collector (Heatsink)
3. Emitter
2022-10-12
Rev.1.0
©2022
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TTC021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC020 TOSHIBA-TTC020 Datasheet
287Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2022-10-11 Rev.1.0
TTC022 TOSHIBA-TTC022 Datasheet
499Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2024-02-08 Rev.1.0
More results

Similar Description - TTC021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC004B TOSHIBA-TTC004B Datasheet
210Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
TDTC114Y TOSHIBA-TDTC114Y Datasheet
224Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.4.0
TDTC143E TOSHIBA-TDTC143E Datasheet
228Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TTC015B TOSHIBA-TTC015B Datasheet
218Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2015-01-22 Rev.1.0
TTC016 TOSHIBA-TTC016 Datasheet
311Kb / 6P
Bipolar Transistors Silicon NPN Epitaxial Type
2015-03-05 Rev.1.0
TTC020 TOSHIBA-TTC020 Datasheet
287Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2022-10-11 Rev.1.0
TTC1949 TOSHIBA-TTC1949 Datasheet
195Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2018-05-28 Rev.1.0
TTC500 TOSHIBA-TTC500 Datasheet
253Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2021-09-17 Rev.2.0
TTC501 TOSHIBA-TTC501 Datasheet
249Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2021-09-17 Rev.2.0
TPCP8512 TOSHIBA-TPCP8512 Datasheet
345Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2023-01-16 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com