Electronic Components Datasheet Search
  English  ▼

X  

CMLT2207 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLT2207
Description  SURFACE MOUNT PICOmini DUAL,COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT2207 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT2207 Datasheet HTML 1Page - Central Semiconductor Corp CMLT2207 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMLT2207
SURFACE MOUNT
PICOminiTM
DUAL,COMPLEMENTARY
SILICON TRANSISTORS
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
R1 (13-November 2002)
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
300
-
-
-
MHz
fT
VCE=20V, IC=50mA, f=100MHz
-
-
200
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
8.0
-
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
25
-
pF
Cib
VEB=2.0V, IC=0, f=1.0MHz
-
-
-
30
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
-
-
k
Ω
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
-
-
k
Ω
hre
VCE=10V, IC=1.0mA, f=1.0kHz
-
8.0
-
-
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
-
4.0
-
-
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
-
-
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
-
-
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
-
-
µmhos
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
-
-
µmhos
rb'Cc
VCB=10V, IE=20mA, f=31.8MHz
150
-
-
ps
NF
VCE=10V, IC=100µA, RS=1.0kΩ, f=1.0kHz
-
4.0
-
dB
ton
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
-
-
45
ns
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
10
-
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
25
-
40
ns
toff
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
100
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
-
225
-
-
ns
ts
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
80
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
-
60
-
-
ns
tf
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
30
ns
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) EMITTER Q1
2) BASE Q1
3) COLLECTOR Q2
4) EMITTER Q2
5) BASE Q2
6) COLLECTOR Q1
MARKING CODE: L70



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com