Electronic Components Datasheet Search
  English  ▼

X  

2472 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2472
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2472 Datasheet(HTML) 1 Page - Alpha Wire

  2472 Datasheet HTML 1Page - Alpha Wire 2472 Datasheet HTML 2Page - Alpha Wire 2472 Datasheet HTML 3Page - Alpha Wire 2472 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 2472
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 PAIR
a) Conductor
14 (19/.0147) AWG Tinned Copper
0.071
b) Insulation
0.032" Wall, Nom. FRPE
0.135
(1) Color(s)
Pair
Color
Pair
Color
Pair
Color
1
BLACK-WHITE
c) Cabling
2 COND Cabled
(1) Twists:
3.0 Twists/foot (min)
(2) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
2) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
16 (26/30) AWG Tinned Copper
3) Jacket
0.035" Wall, Nom.,PVC
0.344 (0.359 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 2472
RU AWM 2106 60C 600V VW-1 CE ROHS
* = Factory Code
1) UL
AWM/STYLE 2106
60°C / 600 VRMS
VW-1
2) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 2472

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2472 PULSE-2472 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Keystone Electronics Co...
2472 KEYSTONE-2472 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Weidmuller
2472090000 WEIDMULLER-2472090000 Datasheet
1Mb / 6P
OMNIMATE Power - series LL LLF 7.50/03/90V 5.0SN BK BX
July 2, 2018 10:29:45 AM
2472100000 WEIDMULLER-2472100000 Datasheet
1Mb / 6P
OMNIMATE Power - series LL LLF 7.50/04/90V 5.0SN BK BX
July 2, 2018 10:29:49 AM
logo
Mader GmbH & Co. KG
247211 MADER-247211 Datasheet
94Kb / 1P
Gewindeverschraubungen aus Messing vernickelt
More results

Similar Description - 2472

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com