Electronic Components Datasheet Search
  English  ▼

X  

AORN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AORN
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AORN Datasheet(HTML) 2 Page - Vishay Siliconix

  AORN Datasheet HTML 1Page - Vishay Siliconix AORN Datasheet HTML 2Page - Vishay Siliconix AORN Datasheet HTML 3Page - Vishay Siliconix AORN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AORN
www.vishay.com
Vishay Dale Thin Film
Revision: 06-Apr-2021
2
Document Number: 60127
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Gold thickness less than 10 μ"
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride (Ta2N)
-
Pin/Lead Number
8-
Resistance Range
1 k
Ω to 100 kΩ per resistor
-
TCR: Absolute
± 25 ppm/°C (standard)
-55 °C to +155 °C
TCR: Tracking
± 5 ppm/°C (typical)
-55 °C to +155 °C
Tolerance: Absolute
± 0.10 % to ± 1 %
At +25 °C temperature
Tolerance: Ratio
± 0.05 % to ± 0.1 %
At +25 °C temperature
Power Rating: Resistor
100 mW
Maximum at +70 °C
Power Rating: Package
400 mW
Maximum at +70 °C
Stability: Absolute
ΔR ± 0.05 %
1000 h at +155 °C
Stability: Ratio
ΔR ± 0.015 %
1000 h at +155 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
-55 °C to +155 °C
-
Storage Temperature Range
-55 °C to +155 °C
-
Noise
≤ -30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
ΔR ± 0.01 %
1 year at +25 °C
Shelf Life Stability: Ratio
ΔR ± 0.002 %
1 year at +25 °C
P x R
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
A
0.157
3.99
B
0.0165 ± 0.0025
0.4 ± 0.06
C
0.050
1.27
D
0.195 max.
4.93 max.
E
0.008 ± 0.001
0.20 ± 0.03
F
0.028 ± 0.001
0.71 ± 0.02
G
0.239 ± 0.001
6.07 ± 0.13
H
0.068 max.
1.73 max.
I
0.008 ± 0.002
6.07 ± 0.13
Seating
Plane
A
B
C
E
H
G
F
AORN
Date
Code
I
D
MECHANICAL SPECIFICATIONS
Resistive Element
Tantalum nitride (Ta2N)
Substrate Material
Ceramic
Body
Molded epoxy
Terminals
Copper alloy
Lead Frame Finish
Ni/Pd/Au solder free (1)
DERATING CURVE
Ambient Temperature °C
070
125
155
0
20
40
60
80
100
100 % = 0.40 W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com