Electronic Components Datasheet Search
  English  ▼

X  

AP64102Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP64102Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP64102Q Datasheet HTML 1Page - Diodes Incorporated AP64102Q Datasheet HTML 2Page - Diodes Incorporated AP64102Q Datasheet HTML 3Page - Diodes Incorporated AP64102Q Datasheet HTML 4Page - Diodes Incorporated AP64102Q Datasheet HTML 5Page - Diodes Incorporated AP64102Q Datasheet HTML 6Page - Diodes Incorporated AP64102Q Datasheet HTML 7Page - Diodes Incorporated AP64102Q Datasheet HTML 8Page - Diodes Incorporated AP64102Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AP64102Q
Document number: DS43576 Rev. 1 - 2
1 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102Q
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Description
The AP64102Q is an automotive-compliant 1A, synchronous buck
converter with a wide input voltage range of 3.8V to 40V. The device
fully integrates a 150
mΩ high-side power MOSFET and an 80mΩ low-
side power MOSFET to provide high-efficiency step-down DC-DC
conversion.
The AP64102Q device is easily used by minimizing the external
component count due to its adoption of peak current mode control
along with its integrated loop compensation network.
The AP64102Q design is optimized for Electromagnetic Interference
(EMI) reduction. The device has a proprietary gate driver scheme to
resist switching node ringing without sacrificing MOSFET turn-on and
turn-off times, which reduces high-frequency radiated EMI noise
caused by MOSFET switching.
The AP64102Q also features
Frequency Spread Spectrum (FSS) with a switching frequency jitter of
±6%, which reduces EMI by not allowing emitted energy to stay in any
one frequency for a significant period of time.
The device is available in an SO-8EP package.
Features
AEC-Q100 Qualified for Automotive Applications
Device Temperature Grade 1: -40°C to +125°C TA Range
VIN: 3.8V to 40V
Output Voltage (VOUT): 0.8V to VIN
1A Continuous Output Current
0.8V ±1% Reference Voltage
25µA Low Quiescent Current (Pulse Frequency Modulation)
Adjustable Switching Frequency: 100kHz to 2.2MHz
External Clock Synchronization: 100kHz to 2.2MHz
Adjustable Soft-Start Time
Up to 88% Efficiency at 5mA Light Load
Proprietary Gate Driver Design for Best EMI Reduction
Frequency Spread Spectrum (FSS) to Reduce EMI
Low-Dropout (LDO) Mode
Precision Enable Threshold to Adjust UVLO
Protection Circuitry
Undervoltage Lockout (UVLO)
Output Overvoltage Protection (OVP)
Cycle-by-Cycle Peak Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The AP64102Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
EXPOSED PAD
9
1
2
3
4
5
6
7
8
BST
VIN
EN
RT/CLK
FB
SS
GND
SW
(Top View)
SO-8EP
Applications
Automotive Power Systems
Automotive Infotainment
Automotive Instrument Clusters
Automotive Telematics
Automotive Lighting Control
Advanced Driver Assistance Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP64102Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64102Q DIODES-AP64102Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64102Q DIODES-AP64102Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64102QSP-13 DIODES-AP64102QSP-13 Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
More results

Similar Description - AP64102Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
AP64100Q DIODES-AP64100Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64200Q DIODES-AP64200Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64202 DIODES-AP64202 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 March 2021
AP64202Q DIODES-AP64202Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64350Q DIODES-AP64350Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 1 - 2 June 2020
AP64352 DIODES-AP64352 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 5 - 2 August 2019
AP64352Q DIODES-AP64352Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 June 2020
AP64502 DIODES-AP64502 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 April 2021
AP64502Q DIODES-AP64502Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com