Electronic Components Datasheet Search
  English  ▼

X  

AP64202 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP64202
Description  3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64202 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP64202 Datasheet HTML 11Page - Diodes Incorporated AP64202 Datasheet HTML 12Page - Diodes Incorporated AP64202 Datasheet HTML 13Page - Diodes Incorporated AP64202 Datasheet HTML 14Page - Diodes Incorporated AP64202 Datasheet HTML 15Page - Diodes Incorporated AP64202 Datasheet HTML 16Page - Diodes Incorporated AP64202 Datasheet HTML 17Page - Diodes Incorporated AP64202 Datasheet HTML 18Page - Diodes Incorporated AP64202 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AP64202
Document number: DS43574 Rev. 1 - 2
15 of 21
www.diodes.com
March 2021
© Diodes Incorporated
AP64202
Application Information (continued)
12
Adjusting Switching Frequency
The switching frequency of the AP64202 can be set through either of two modes, Resistor Timing or External Clock Synchronization.
In Resistor Timing mode, a resistor is placed between the RT/CLK pin to ground and sets the switching frequency over a wide range from 100kHz
to 2.2MHz. The RT/CLK pin voltage is typically 0.5V. The RT/CLK pin cannot be left floating. The RT resistance required for a given switching
frequency is calculated by:
������������[������������] =
������������������������������������
������������������[������������������]
Eq. 8
Where:
RT is the resistance in kΩ
fSW is the switching frequency in kHz between 100kHz to 2.2MHz
FSS is enabled when setting the switching frequency through Resistor Timing mode.
In External Clock Synchronization mode, the switching frequency synchronizes to an external clock applied to the RT/CLK pin. The
synchronization frequency range is also 100kHz to 2.2MHz, and the rising edge of SW synchronizes to the falling edge of the external clock at the
RT/CLK pin with a typical 66ns delay. An internal PLL locks the internal switching frequency to that of the external clock signal. An external square
wave clock signal supplied at the RT/CLK pin must have a logic high level greater than 3.5V, a logic low level less than 0.4V, and a pulse width of
at least 80ns.
FSS is disabled when setting the switching frequency through External Clock Synchronization mode.
RT
RT/CLK
External
Clock
Oscillator
with PLL
CLK
Figure 27. Switching Between Resistor Timing and External Clock Synchronization Modes
In applications where both Resistor Timing and External Clock Synchronization modes are required, the device can be configured as shown in
Figure 27. Before an external clock signal is available at the RT/CLK pin, the device operates in Resistor Timing mode. When an external clock is
supplied to the RT/CLK pin, the device automatically transitions from Resistor Timing mode to External Clock Synchronization mode typically
within
85μs. When the external clock signal is disconnected from the RT/CLK pin, the device’s switching frequency returns to being set in Resistor
Timing mode. When switching between Resistor Timing and External Clock Synchronization modes, it is recommended that the external clock
signal is within ±25% of the frequency controlling the device in Resistor Timing mode to prevent large changes in switching frequency within the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com