Electronic Components Datasheet Search
  English  ▼

X  

24LC08 Datasheet(PDF) 14 Page - Ceramate Technical

Part # 24LC08
Description  8K-Bit Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC08 Datasheet(HTML) 14 Page - Ceramate Technical

Back Button 24LC08 Datasheet HTML 10Page - Ceramate Technical 24LC08 Datasheet HTML 11Page - Ceramate Technical 24LC08 Datasheet HTML 12Page - Ceramate Technical 24LC08 Datasheet HTML 13Page - Ceramate Technical 24LC08 Datasheet HTML 14Page - Ceramate Technical 24LC08 Datasheet HTML 15Page - Ceramate Technical 24LC08 Datasheet HTML 16Page - Ceramate Technical 24LC08 Datasheet HTML 17Page - Ceramate Technical 24LC08 Datasheet HTML 18Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
24LC08
8K-Bit Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 14 of 23
Rev 1.1 Nov.18, 2002
ELECTRICAL DATA
Table 3-3. Absolute Maximum Ratings
(TA = 25°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VCC
–
– 0.3 to + 7.0
V
Input voltage
VIN
–
– 0.3 to + 7.0
V
Output voltage
VO
–
– 0.3 to + 7.0
V
Operating temperature
TA
–
– 40 to + 85
°C
Storage temperature
TSTG
–
– 65 to + 150
°C
Electrostatic discharge
VESD
HBM
3000
V
MM
300
Table 3-4. D.C. Electrical Characteristics
(TA = – 25°C to + 70°C (C), – 40°C to + 85°C (I), VCC = 2.2 V to 5.5 V when reading, 2.5 V to 5.5 V when writing)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input low voltage
VIL
SCL, SDA, A0, A1, A2
–
–
0.3 VCC
V
Input high voltage
VIH
0.7 VCC
–
–
V
Input leakage current
ILI
VIN = 0 to VCC
–
–
10
µA
Output leakage current
ILO
VO = 0 to VCC
–
–
10
µA
Output low voltage
VOL
IOL = 3 mA, VCC = 2.5 V
–
–
0.4
V
Supply current
ICC1
(write)
VCC = 5.5 V, 400 kHz
–
–
3
mA
ICC2
(write)
VCC = 3.3 V, 100 kHz
–
–
1.5
ICC3
(read)
VCC = 5.5 V, 400 kHz
–
–
1
ICC4
(read)
VCC = 3.3 V, 100 kHz
–
–
0.5
Stand-by current
ICC5
VCC = SDA = SCL = 5.5 V,
all other inputs = 0 V
–
–
10
µA
ICC6
VCC = SDA = SCL = 3.3 V,
all other inputs = 0 V
–
–
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com