Electronic Components Datasheet Search
  English  ▼

X  

GIMTBA02 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIMTBA02
Description  Indoor tight buffered distribution cable LSZH jacket 2f SM OS2 G.652.D & G.657.A1. CPR B2ca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIMTBA02 Datasheet(HTML) 1 Page - Belden Inc.

  GIMTBA02 Datasheet HTML 1Page - Belden Inc. GIMTBA02 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIMTBA02
Indoor tight buffered distribution cable LSZH jacket 2f SM OS2 G.652.D &
G.657.A1. CPR B2ca.
Product Description
Indoor tight buffered optical fiber distribution cable with Low Smoke Zero Halogen outer jacket. 2 fibers SM OS2 G.652.D & G.657.A1. CPR Euroclass B2ca.
Technical Specifications
Product Overview
Construction Type:
Distribution
Environmental Space:
Indoor - Euroclass B2ca
Suitable Applications:
For indoor use in structured (premises) wiring systems: building backbone (riser) and/or horizontal cabling (Fibre To The Desk). Support all computer network
applications such as FDDI, Gigabit Ethernet and ATM. Easy to install in ducts and tunnels. Not suitable for blown installation.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OM4
G.652D & G.657A1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OS2
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
No
Bulk Cable Weight:
20 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 4.3 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1310 nm:
0.40 dB/km
Max. Attenuation at 1550 nm:
0.30 dB/km
Max. Attenuation at 1625 nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Installation (Short Term)
IEC 60794-1-21-E6
86 mm
IEC 60794-2-20
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 43 mm
IEC 60794-2-20


Similar Part No. - GIMTBA02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIMTBA04 BELDEN-GIMTBA04 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 4f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GIMTBA06 BELDEN-GIMTBA06 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 6f SM OS2 G.652.D & G.657.A1. CPR B2ca
2023 Belden, Inc
GIMTBA08 BELDEN-GIMTBA08 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 8f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
More results

Similar Description - GIMTBA02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIMTA02 BELDEN-GIMTA02 Datasheet
137Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 2f SM OS2 G.652.D & G.657.A1. CPR Dca.
2023 Belden, Inc
GIMTBA04 BELDEN-GIMTBA04 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 4f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GIMTBA06 BELDEN-GIMTBA06 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 6f SM OS2 G.652.D & G.657.A1. CPR B2ca
2023 Belden, Inc
GIMTBA08 BELDEN-GIMTBA08 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 8f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GIMTBA12 BELDEN-GIMTBA12 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 16f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GIMTBA16 BELDEN-GIMTBA16 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 16f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GIMTBA24 BELDEN-GIMTBA24 Datasheet
135Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 24f SM OS2 G.652.D & G.657.A1. CPR B2ca
2023 Belden, Inc
GIMTBF02 BELDEN-GIMTBF02 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 2f SM OS2 G.657.A2. CPR B2ca.
2023 Belden, Inc
GUMTCA02 BELDEN-GUMTCA02 Datasheet
135Kb / 2P
Universal tight buffered distribution cable LSZH jacket 2f SM OS2 G.652.D & G.657.A1. CPR Cca.
2023 Belden, Inc
GIBTA02 BELDEN-GIBTA02 Datasheet
153Kb / 2P
Indoor tight buffered breakout cable LSZH jacket 2f SM OS2 G.652.D & G.657.A1. CPR Dca.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com