Electronic Components Datasheet Search
  English  ▼

X  

CBC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CBC
Description  Thin Film Binary MOS Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CBC Datasheet(HTML) 1 Page - Vishay Siliconix

  CBC Datasheet HTML 1Page - Vishay Siliconix CBC Datasheet HTML 2Page - Vishay Siliconix CBC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CBB, CBC
www.vishay.com
Vishay Electro-Films
Revision: 08-Mar-2022
1
Document Number: 61042
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Binary MOS Capacitors
Product may not be to scale
The CBB and CBC MOS capacitor chips each contain five
different capacitors in binary increments allowing the user
many choices in value selection.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The CBB and CBCs are 100 % electrically
tested and visually inspected to MIL-STD-883, method
2032, class H or K.
FEATURES
• Wire bondable
• User value selection
• Five capacitors on a 0.019" x 0.048" (CBB)
or 0.044" x 0.044" (CBC) chip
• Case size: 0402, 0404
• Capacitance range: up to 93 pF in binary
increments
• Dielectric: silicon dioxide
• Low dielectric loss
• Substrate: silicon with gold backing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI CBB and CBC binary MOS multi-value capacitor
chips are designed to be a useful device for trimming hybrid
circuits by adding or subtracting capacitance, using normal
wire-bonding techniques.
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
CBB
CBC
UNIT
Case Size
0402
0404
Total Capacitance
Up to 31
Up to 93
pF
Capacitance Values (31 pF / 93 pF)
1, 2, 4, 8, 16
3, 6, 12, 24, 48
pF
Tolerance
± 10
± 10
%
DC Working Voltage
75
75
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range,
CBB
Up to 31
pF
CBC
Up to 93
Maximum Working Voltage
75
V
Peak Voltage at +25 °C
1.5 x working voltage
Dissipation Factor, 1 kHz, 1 VRMS, +25 °C
0.1 %
%
Q at 1 mHz, 50 mVRMS, +25 °C
1000 min.
TCC, -55 °C to +150 °C
+ 15 ± 25
ppm/°C
Insulation Resistance at Working Voltage, +25 °C
109 min.
Ω
Operating Temperature Range
-55 to +15
°C
Thermal Shock
± 0.25 + 0.25 pF max.
ΔC/C
%
Moisture Resistance, MIL-STD-202, Method 106
± 1.0 + 0.25 pF max.
ΔC/C
%
Short Time Overload, +25 °C, 5 s; 1.5 x Working Voltage
± 0.25 + 0.25 pF max.
ΔC/C
%
High Temperature Exposure: 100 h at +150 °C Ambient
± 0.25 + 0.25 pF max.
%
Life, MIL-STD-202, Method 108,
Condition D, +125 °C Ambient, 1000 h at Working Voltage
± 2.0 + 0.25 pF max.
ΔC/C
%


Similar Part No. - CBC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CBC MSYSTEM-CBC Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBC VISHAY-CBC Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
logo
Cooper Bussmann, Inc.
CBC-10 COOPER-CBC-10 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CBC-10B COOPER-CBC-10B Datasheet
269Kb / 5P
Automotive Circuit Breakers
CBC-10HB COOPER-CBC-10HB Datasheet
269Kb / 5P
Automotive Circuit Breakers
More results

Similar Description - CBC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
BRCP VISHAY-BRCP Datasheet
240Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com