Electronic Components Datasheet Search
  English  ▼

X  

CMPTA42E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA42E
Description  ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA42E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA42E Datasheet HTML 1Page - Central Semiconductor Corp CMPTA42E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
350
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
TYP
SYMBOL
TEST CONDITIONS
MIN
CMPTA42E
CMPTA92E
MAX
UNITS
ICBO
VCB=200V
250
nA
IEBO
VBE=3.0V
100
nA
BVCBO
IC=100µA
350
590
500
V
BVCEO
IC=1.0mA
350
475
450
V
BVEBO
IE=100µA
6.0
8.7
9.6
V
VCE(SAT)
IC=50mA, IB=5.0mA
125
150
350
mV
VBE(SAT)
IC=20mA, IB=2.0mA
0.9
V
hFE
VCE=10V, IC=1.0mA
50
110
105
hFE
VCE=10V, IC=10mA
50
110
105
hFE
VCE=10V, IC=30mA
50
110
105
fT
VCE=20V, IC=10mA, f=100MHz
50
75
75
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
6.0
pF
CMPTA42E NPN
CMPTA92E PNP
ENHANCED SPECIFICATION
SURFACE MOUNT
COMPLEMENTARY
HIGH VOLTAGE SILICON TRANSISTORS
SOT-23 CASE
Central
Semiconductor Corp.
TM
R2 (10-October 2003)
DESCRIPTION:
The Central Semiconductor CMPTA42E &
CMPTA92E types are Enhanced versions of the
CMPTA42 & CMPTA92 complementary surface
mount high voltage transistors.
MARKING CODES: CMPTA42E: C1DE
CMPTA92E: C2DE
FEATURED ENHANCED SPECIFICATIONS:
♦ BVCBO from 300V min to 350V min.
♦ BVCEO from 300V min to 350V min.
♦ hFE from 25 min to 50 min.
♦
♦
♦
♦ Enhanced specification.
♦
♦
♦
♦
♦


Similar Part No. - CMPTA42E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - CMPTA42E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5087E CENTRAL-CMPT5087E Datasheet
132Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E Datasheet
97Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CET3904E CENTRAL-CET3904E_10 Datasheet
370Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E_10 Datasheet
358Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMLT3904E CENTRAL-CMLT3904E_10 Datasheet
523Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMNT3904E CENTRAL-CMNT3904E_10 Datasheet
369Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
CMPT3904E CENTRAL-CMPT3904E_10 Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_10 Datasheet
335Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E_10 Datasheet
355Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com