Electronic Components Datasheet Search
  English  ▼

X  

AP64351 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP64351
Description  3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64351 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP64351 Datasheet HTML 18Page - Diodes Incorporated AP64351 Datasheet HTML 19Page - Diodes Incorporated AP64351 Datasheet HTML 20Page - Diodes Incorporated AP64351 Datasheet HTML 21Page - Diodes Incorporated AP64351 Datasheet HTML 22Page - Diodes Incorporated AP64351 Datasheet HTML 23Page - Diodes Incorporated AP64351 Datasheet HTML 24Page - Diodes Incorporated AP64351 Datasheet HTML 25Page - Diodes Incorporated AP64351 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AP64351
Document number: DS41977 Rev. 4 - 2
22 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64351
Application Information (cont.)
16
External Loop Compensation Design (cont.)
AP64351
VIN
EN
SW
BST
FB
GND
INPUT
R1
115kΩ
C4
33pF
R2
22.1kΩ
L
5.5μH
C3
100nF
C2
2 x 22µF
C1
10µF
OUTPUT
VOUT
5V
COMP
R5
14kΩ
C5
3.3nF
C6
39pF
SS
Css
10nF
VIN
12V
Figure 28. Example Circuit with Calculated Component Values for Loop Compensation
The first-order calculated loop response has the following characteristics:
Bandwidth is around 16.6kHz
Phase Margin is around 82.0°
Gain Margin is around -27.1dB
Figure 29. Closed-Loop Bandwidth
Figure 30. Closed-Loop Phase Margin
-100
-80
-60
-40
-20
0
20
40
60
80
100
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
-250
-200
-150
-100
-50
0
50
100
150
200
250
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com