Electronic Components Datasheet Search
  English  ▼

X  

AP64352Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP64352Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64352Q Datasheet(HTML) 4 Page - Diodes Incorporated

  AP64352Q Datasheet HTML 1Page - Diodes Incorporated AP64352Q Datasheet HTML 2Page - Diodes Incorporated AP64352Q Datasheet HTML 3Page - Diodes Incorporated AP64352Q Datasheet HTML 4Page - Diodes Incorporated AP64352Q Datasheet HTML 5Page - Diodes Incorporated AP64352Q Datasheet HTML 6Page - Diodes Incorporated AP64352Q Datasheet HTML 7Page - Diodes Incorporated AP64352Q Datasheet HTML 8Page - Diodes Incorporated AP64352Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AP64352Q
Document number: DS42747 Rev. 1 - 2
4 of 21
www.diodes.com
June 2020
© Diodes Incorporated
AP64352Q
Functional Block Diagram
0.88V
OVP
+
SE = 1.87V/T
FB
ON
0.8V
VCC
+
-
5
+
+
-
+
-
+
-
CLK
VSUM
Control
Logic
0.8V
Ref
PWM
Comparator
OCP
OVP
EN
3
Error
Amplifier
6
Iss
4μA
4
SS
RT/CLK
Oscillator
with PLL
Thermal
Shutdown
TSD
COMP
SW
VIN
3
Control
Logic
5
6
4
+
-
CSA
BST
GND
VCC
Regulator
Internal
Reference
RT = 0.089V/A
1.18V
I1
1.5μA
I2
4μA
20kΩ
+
–
Figure 3. Functional Block Diagram
2
1
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com