Electronic Components Datasheet Search
  English  ▼

X  

1751400 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751400
Description  PCB terminal block - MKKDS 1/ 3-3,5
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751400 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751400 Datasheet HTML 1Page - PHOENIX CONTACT 1751400 Datasheet HTML 2Page - PHOENIX CONTACT 1751400 Datasheet HTML 3Page - PHOENIX CONTACT 1751400 Datasheet HTML 4Page - PHOENIX CONTACT 1751400 Datasheet HTML 5Page - PHOENIX CONTACT 1751400 Datasheet HTML 6Page - PHOENIX CONTACT 1751400 Datasheet HTML 7Page - PHOENIX CONTACT 1751400 Datasheet HTML 8Page - PHOENIX CONTACT 1751400 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 8 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 6, number of rows: 2, number of positions per row: 3, product range:
MKKDS 1, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Extremely small design for the respective conductor cross section
•
Conductor connection on several levels enables higher contact density
•
Commercial Data
Item number
1751400
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AALFIB
Catalog Page
Page 85 (C-1-2013)
GTIN
4017918115913
Weight per Piece (including packing)
3.867 g
Weight per Piece (excluding packing)
3.467 g
Customs tariff number
85369010
Country of origin
DE
PCB terminal block - MKKDS 1/ 3-3,5
1751400
https://www.phoenixcontact.com/us/products/1751400
Dec 30, 2022, 6:22 AM
Page 1 (12)


Similar Part No. - 1751400

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/2 SN SW
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN OR
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN SW
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/6 SN OR
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/8 SN OR
More results

Similar Description - 1751400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751426 PHOENIX-1751426 Datasheet
87Kb / 6P
PCB terminal block - MKKDS 1/ 5-3,5
1751468 PHOENIX-1751468 Datasheet
134Kb / 6P
PCB terminal block - MKKDS 1/ 9-3,5
1751471 PHOENIX-1751471 Datasheet
86Kb / 6P
PCB terminal block - MKKDS 1/10-3,5
1751484 PHOENIX-1751484 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/11-3,5
1751497 PHOENIX-1751497 Datasheet
130Kb / 6P
PCB terminal block - MKKDS 1/12-3,5
1751507 PHOENIX-1751507 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/13-3,5
1751523 PHOENIX-1751523 Datasheet
129Kb / 6P
PCB terminal block - MKKDS 1/15-3,5
1751536 PHOENIX-1751536 Datasheet
129Kb / 6P
PCB terminal block - MKKDS 1/16-3,5
1751390 PHOENIX-1751390 Datasheet
127Kb / 8P
PCB terminal block - MKKDS 1/ 2-3,5
09/12/2020
1751413 PHOENIX-1751413 Datasheet
127Kb / 8P
PCB terminal block - MKKDS 1/ 4-3,5
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com