Electronic Components Datasheet Search
  English  ▼

X  

CMXT2207 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMXT2207
Description  SURFACE MOUNT SUPERmini DUAL COMPLEMENTARY SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXT2207 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMXT2207 Datasheet HTML 1Page - Central Semiconductor Corp CMXT2207 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
3
6
5
4
Q1
Q2
Central
Semiconductor Corp.
TM
SOT-26 CASE - MECHANICAL OUTLINE
CMXT2207
SURFACE MOUNT
SUPERmini™
DUAL COMPLEMENTARY
SILICON TRANSISTOR
R2 (06-August 2003)
LEAD CODE:
1) EMITTER Q1
2) BASE Q1
3) COLLECTOR Q2
4) EMITTER Q2
5) BASE Q2
6) COLLECTOR Q1
MARKING CODE: X07
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
25
pF
Cib
VEB=2.0V, IC=0, f=1.0MHz
30
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
k
Ω
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
k
Ω
hre
VCE=10V, IC=1.0mA, f=1.0kHz
8.0
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
4.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
µmhos
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
µmhos
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
150
ps
NF
VCE=10V, IC=100mA, RS=1.0kΩ, f=1.0kHz
4.0
dB
ton
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
45
ns
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
10
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
25
40
ns
toff
VCC=6.0V, IC=150mA, IB1=IB2=15mA
100
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
ts
VCC=6.0V, IC=150mA, IB1=IB2=15mA
80
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
60
ns
tf
VCC=6.0V, IC=150mA, IB1=IB2=15mA
30
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com