Electronic Components Datasheet Search
  English  ▼

X  

BCR5000CRAKWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BCR5000CRAKWS
Description  Thin Film, Back-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BCR5000CRAKWS Datasheet(HTML) 2 Page - Vishay Siliconix

  BCR5000CRAKWS Datasheet HTML 1Page - Vishay Siliconix BCR5000CRAKWS Datasheet HTML 2Page - Vishay Siliconix BCR5000CRAKWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCR
www.vishay.com
Vishay Electro-Films
Revision: 26-Oct-2020
2
Document Number: 61023
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
Note
• Notched shaded area represents top bonding pad. The backside of the chip constitutes the second resistor connection
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip size
0.020" x 0.020" ± 0.002" (0.50 mm x 0.50 mm ± 0.05 mm)
Chip thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip substrate material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor material
Tantalum nitride, self-passivating
Bonding pad size
0.004" x 0.004" (0.100 mm x 0.100 mm)
Number of pads
1
Pad material
10 kÅ minimum aluminum (15 kÅ minimum gold optional)
Backing
3 kÅ minimum gold
Recommended attachment method
Eutectic or conductive epoxy
GLOBAL PART NUMBER INFORMATION
Global Part Number: BCR50000FKAHWS
Global Part Number Description: BCR 5K 1 %, 100 ppm/°C, Al term., Class H, WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
TCR
(ppm/°C)
TERMINATION
VISUAL CLASS
(per MIL-STD-883,
method 2032)
PACKAGING
BCR
20 x 20 size
back contact
resistor
First 4 digits
are significant
figures of
resistance
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
G = 2.0 %
J = 5.0 %
K = 10 %
E = ± 25
C = ± 50
K = ± 100
M = ± 250
R = 0 / - 250
G = gold
A = aluminum
H = class H
K = class K
WS = waffle pack
100 min./mult.
TYPICAL RANGE
10
Ω to 29 Ω
0.016
0.020
0.020
TYPICAL RANGE
30
Ω to 81 Ω
TYPICAL RANGE
82
Ω to 819 Ω
TYPICAL RANGE
820
Ω to 1 MΩ
Bond Pad
Back of Chip
50
00
F
K
A
0
R
H
BC
W
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com