Electronic Components Datasheet Search
  English  ▼

X  

P13LAB130MLB12E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P13LAB130MLB12E
Description  Fully Sealed Container Cermet Potentiometer Professional Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LAB130MLB12E Datasheet(HTML) 1 Page - Vishay Siliconix

  P13LAB130MLB12E Datasheet HTML 1Page - Vishay Siliconix P13LAB130MLB12E Datasheet HTML 2Page - Vishay Siliconix P13LAB130MLB12E Datasheet HTML 3Page - Vishay Siliconix P13LAB130MLB12E Datasheet HTML 4Page - Vishay Siliconix P13LAB130MLB12E Datasheet HTML 5Page - Vishay Siliconix P13LAB130MLB12E Datasheet HTML 6Page - Vishay Siliconix P13LAB130MLB12E Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P13
www.vishay.com
Vishay Sfernice
Upgrade for Submarine Version to P13SM
Revision: 21-Nov-2022
1
Document Number: 51034
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully Sealed Container Cermet Potentiometer
Professional Grade
LINKS TO ADDITIONAL RESOURCES
Their excellent performances are due to the use of a
cermet-track sealed in a large case.
P13 interchangeability with RV6, combined with the
excellent stability of its rated characteristics make it fully
acceptable for military and professional uses.
FEATURES
• High power rating 1.5 W at 70 °C
• Product qualification:
According to CECC 41 301-001 (A, B, C)
• Test according to CECC 41000 or IEC 60393-1
•GAM T1
• Cermet element
• Fully sealed case
• Tight temperature coefficient (± 75 ppm/°C typical)
• Mechanical strength
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
333
DDD3 D
3D Models
QUICK REFERENCE DATA
Multiple module
No
Switch module
n/a
Detent module
n/a
Special electrical laws
A: linear, L: logarithmic,
F: reverse logarithmic
Sealing level
IP 67
Lifespan
25K cycles
DIMENSIONS in millimeters (± 0.5)
P13T-(PC32) A
P13Q-B
P13L-(PC33) C
a
c
b
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Ø 2.2
5.9 ± 0.2
Ø 6.5
Panel Cutout
AJ = 22
AB = 12.5
AA = 9.5
Ø 3
Ø 12.6
8
Thread M6 x 0.75
10 wrench
Slot 0.6 x 1 deep
5
0.7
10.5 max.
EJ = 22
EB = 12.5
EA = 9.5
Ø 4
Ø 12.6
10.5 max.
8
Thread M7 x 0.75
10 wrench
Slot 0.8 x 1.4 deep
5
0.7
a
c
b
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Ø 2.2
5.9 ± 0.2
Ø 7.5
Panel Cutout
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Ø 10.5
Panel Cutout
FR = 50
FL = 25
FG = 16
Ø 6
Ø 14
10.5 max.
12
Thread M10 x 0.75
Slot 1 x 1.8 deep
5
a
c
b


Similar Part No. - P13LAB130MLB12E

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P13LA SOCAY-P13LA Datasheet
314Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
HuaXinAn Electronics CO...
P13LA HUAXINAN-P13LA Datasheet
320Kb / 6P
SIDACtor Protection Thyristors
logo
Shindengen Electric Mfg...
P13LA10EL SHINDENGEN-P13LA10EL Datasheet
178Kb / 4P
Power MOSFET
More results

Similar Description - P13LAB130MLB12E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13 VISHAY-P13 Datasheet
117Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
Fully Sealed Potentiometer Professional Grade
01-Feb-18
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
Fully Sealed Potentiometer Professional Grade
21-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com