Electronic Components Datasheet Search
  English  ▼

X  

CB2 Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # CB2
Description  Cable termination junction box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

CB2 Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  CB2 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
SPECIFICATIONS
CB series
Cable termination junction box
Mounting accessories supplied: 4x feet; 4x screws; 4x washers; termination plugs (1 per channel);
installation instructions
Key features
• Low cost monitoring solution
• Models available for use with
triaxial sensors (CBT models)
• NEMA 4X rated
• Manufactured in ISO 9001 facility
Channels:
Single channel sensors
CBT triaxial sensors
2 or 4
2
Input connectors:
Single channel sensors
Triaxial sensors
terminal block, 3 positions per channel
G: terminal block, 5 positions per channel
M12: 5 socket connector per sensor
Output connectors:
Single channel sensors
Triaxial sensors
BNC: 1 jack per channel, electrically isolated
M12: 5 pin connector per channel, electrically isolated
Material
ABS
Dimensions (W x H x D)
4.69 x 3.125 x 2.15 in. (11.91 x 7.94 x 5.46 cm)
Temperature range
–40° to +82°C
Rating
NEMA 4X/IP66
Model
Sensor
Channels Inputs
Outputs
CB2
standard 2
cable grips
BNC connector
CBT2-M12-G
triaxial
2
cable grips
M12 connector
CBT2-M12-M12 triaxial
2
M12 connector
M12 connector
CB4
standard 4
cable grips
BNC connector
98649 Rev.E.1 09/18
CB4
CB2 series
Precisely what you need
1
301-330-8811
VibraLINK Series
2
3
4
0.17 [4.3]
3.12 [79.2]
1.97 [50.0]
4.25 [108.0]
6.46 [164.0]
4.17 [106.0]
2.15 [54.6]
0.20 [5.0]
4.69 [119.2]
1.20 [30.4]
0.86 [21.8]
1.00 [25.4]
2.08 [52.8]
1.63 [41.3]
Models available
3.12 [79.2]
0.17 [4.3]
4.17 [106.0]
1.97 [50.0]
4.25 [108.0]
6.46 [164.0]
2.15 [54.6]
0.20 [5.0]
4.69 [119.2]
3.03 [77.1]
0.83 [21.1]
0.83 [21.1]
1
2
4.69 [119.2]
0.83 [21.1]
3.03 [77.1]
2.15 [54.6]
0.20 [5.0]
4.25 [108.0]
6.46 [164.0]
3.12 [79.2]
4.17 [106.0]
1.97 [50.0]
0.17 [4.3]


Similar Part No. - CB2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CB2 EATON-CB2 Datasheet
3Mb / 27P
Single Row Terminal Blocks
CB2 EATON-CB2 Datasheet
819Kb / 7P
Single Row Terminal Blocks
logo
M-System Co.,Ltd.
CB2 MSYSTEM-CB2 Datasheet
173Kb / 7P
Plug-in Signal Conditioners M-UNIT
logo
Stackpole Electronics, ...
CB2 SEI-CB2 Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Multicomp Pro
CB2 MULTICOMP-CB2 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
More results

Similar Description - CB2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
MOST Junction Box
logo
Glenair, Inc.
140-074-XM-0000 GLENAIR-140-074-XM-0000 Datasheet
306Kb / 2P
Ultra-Miniature Junction Box
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
Mini Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
Small Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
Medium Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
Large Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
Jumbo Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
Octagonal Junction Box
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
Large Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com