Electronic Components Datasheet Search
  English  ▼

X  

HT780A Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # HT780A
Description  High temperature accelerometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

HT780A Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  HT780A Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
SPECIFICATIONS
HT780A
High temperature accelerometer
Accessories supplied: SF6 mounting stud (metric mounting available); calibration data (level 2)
Key features
• Compact, lightweight
• 150°C operation
• Manufactured in ISO 9001 facility
Sensitivity, ±5%, 25°C
100 mV/g
Acceleration range, VDC > 25 V
80 g peak
Amplitude nonlinearity
1%
Frequency response:
±5%
±10%
±3 dB
3 - 5,000 Hz
1 - 9,000 Hz
0.5 - 14,000 Hz
Resonance frequency, nominal
30 kHz
Transverse sensitivity, max
5% of axial
Temperature response:
–25°C
+150°C
–10%
+15%
Power requirement:
Voltage source
Current regulating diode
18 - 30 VDC
2 - 10 mA
Electrical noise, equiv. g:
Broadband  
2.5 Hz to 25 kHz
Spectral
10 Hz
  100 Hz
  1,000 Hz
25°C
150°C
700 µg
1,100 µg
10 µg/√Hz
 14 µg/√Hz
5 µg/√Hz
7 µg/√Hz
5 µg/√Hz
7 µg/√Hz
Output impedance, max
100 Ω
Bias output voltage:
+25°C
+150°C
13 VDC
12 VDC
Grounding
case isolated, internally shielded
Temperature range
–50° to +150°C
Vibration limit
500 g peak
Shock limit
5,000 g peak
Electromagnetic sensitivity, equiv. g, max
70 µg/gauss
Sealing
hermetic
Base strain sensitivity, max
0.0002 g/μstrain
Sensing element design
PZT, shear
Weight
62 grams
Case material
316L stainless steel
Mounting
1/4-28 UNF tapped hole
Output connector
2 pin, MIL-C-5015 style
Connections
Function
Connector pin
power/signal
A
common
B
ground
shell
99198 Rev.B.1 09/18


Similar Part No. - HT780A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7818 HOLTEK-HT7818 Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
TECH PUBLIC Electronics...
HT7818-7 TECHPUBLIC-HT7818-7 Datasheet
2Mb / 5P
500 mA CMOS Linear Regulator
logo
Guangdong Youtai Semico...
HT7818-A UMW-HT7818-A Datasheet
2Mb / 7P
LDO Linear Regulator
logo
Holtek Semiconductor In...
HT7825 HOLTEK-HT7825 Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
TECH PUBLIC Electronics...
HT7825-7 TECHPUBLIC-HT7825-7 Datasheet
2Mb / 5P
500 mA CMOS Linear Regulator
More results

Similar Description - HT780A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
HIGH PERFORMANCE ACCELEROMETER
logo
Amphenol Wilcoxon Sensi...
735T WILCOXON-735T Datasheet
321Kb / 1P
Seismic accelerometer with temperature sensor
Rev.D.2 08/19
HT786A WILCOXON-HT786A Datasheet
226Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
HT787A WILCOXON-HT787A Datasheet
270Kb / 1P
High temperature accelerometer
Rev.B.3 01/20
logo
STI Vibration Monitorin...
CMCP700HT STI-CMCP700HT Datasheet
507Kb / 2P
Extreme High Temperature Accelerometer
March 2023
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
CMCP1100CT STI-CMCP1100CT Datasheet
578Kb / 2P
Low-Cost Accelerometer with Temperature Output
CMCP1100HT STI-CMCP1100HT Datasheet
618Kb / 2P
Low-Cost Accelerometer with High Temperature Cable
CMCP1300ST-T STI-CMCP1300ST-T Datasheet
580Kb / 2P
Low-Cost Triaxial Accelerometer with Temperature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com