Electronic Components Datasheet Search
  English  ▼

X  

HT787A Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # HT787A
Description  High temperature accelerometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

HT787A Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  HT787A Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
buy.wilcoxon.com
www.wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
SPECIFICATIONS
HT787A
High temperature accelerometer
Accessories supplied: 1/4-28 captive screw (metric mounting available); calibration data (level 2)
Key features
• 150°C operation
• Built with extended range
components for long-lasting
operation
• Manufactured in ISO 9001 facility
Sensitivity, ±5%, 25°C
100 mV/g
Acceleration range, VDC > 25 V
80 g peak
Amplitude nonlinearity
1%
Frequency response:
±10%
±3 dB
1.0 - 5,000 Hz
0.5 - 10,000 Hz
Resonance frequency, nominal
22 kHz
Transverse sensitivity, max
5% of axial
Temperature response:
–25°C
+150°C
–10%
+15%
Power requirement:
Voltage source
Current regulating diode
18 - 30 VDC
2 - 10 mA
Electrical noise, equiv. g:
Broadband  
2.5 Hz to 25 kHz
Spectral
10 Hz
  100 Hz
  1,000 Hz
25°C
150°C
700 µg
1,100 µg
10 µg/√Hz
14 µg/√Hz
5 µg/√Hz
7 µg/√Hz
5 µg/√Hz
7 µg/√Hz
Output impedance, max
100 Ω
Bias output voltage:
+25°C
+150°C
13 VDC
12 VDC
Grounding
case isolated, internally shielded
Temperature range
–50° to +150°C
Vibration limit
500 g peak
Shock limit
5,000 g peak
Electromagnetic sensitivity, equiv. g, max
70 µg/gauss
Sealing
hermetic
Base strain sensitivity, max
0.0002 g/μstrain
Sensing element design
PZT, shear
Weight
145 grams
Case material
316L stainless steel
Mounting
1/4-28 captive screw
Output connector
2 pin, MIL-5015 style
Recommended cabling
J9F / J9T2A
Connections
Function
Connector pin
power/signal
A
common
B
ground
shell
99197 Rev.B.3 01/20
1/4-28
MOUNTING
SCREW


Similar Part No. - HT787A

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
logo
Holtek Semiconductor In...
HT7818 HOLTEK-HT7818 Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
TECH PUBLIC Electronics...
HT7818-7 TECHPUBLIC-HT7818-7 Datasheet
2Mb / 5P
500 mA CMOS Linear Regulator
logo
Guangdong Youtai Semico...
HT7818-A UMW-HT7818-A Datasheet
2Mb / 7P
LDO Linear Regulator
logo
Holtek Semiconductor In...
HT7825 HOLTEK-HT7825 Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
More results

Similar Description - HT787A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
HIGH PERFORMANCE ACCELEROMETER
logo
Amphenol Wilcoxon Sensi...
735T WILCOXON-735T Datasheet
321Kb / 1P
Seismic accelerometer with temperature sensor
Rev.D.2 08/19
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
HT786A WILCOXON-HT786A Datasheet
226Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
logo
STI Vibration Monitorin...
CMCP700HT STI-CMCP700HT Datasheet
507Kb / 2P
Extreme High Temperature Accelerometer
March 2023
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
CMCP1100CT STI-CMCP1100CT Datasheet
578Kb / 2P
Low-Cost Accelerometer with Temperature Output
CMCP1100HT STI-CMCP1100HT Datasheet
618Kb / 2P
Low-Cost Accelerometer with High Temperature Cable
CMCP1300ST-T STI-CMCP1300ST-T Datasheet
580Kb / 2P
Low-Cost Triaxial Accelerometer with Temperature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com