Electronic Components Datasheet Search
  English  ▼

X  

ANYPLACEUSB-H6 Datasheet(PDF) 1 Page - Coolgear Inc.

Part # ANYPLACEUSB-H6
Description  Basic Measurements Mounting Holes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

ANYPLACEUSB-H6 Datasheet(HTML) 1 Page - Coolgear Inc.

  ANYPLACEUSB-H6 Datasheet HTML 1Page - Coolgear Inc. ANYPLACEUSB-H6 Datasheet HTML 2Page - Coolgear Inc. ANYPLACEUSB-H6 Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
leo.pinto
1/3
A4
5/10/2021
ANYPLACEUSB-H6
1:2
mm
Basic Measurements
Mounting Holes
122.37
15.94
15
13.3
16.95
67.45


Similar Part No. - ANYPLACEUSB-H6

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
ANYPLACEUSB-H6C COOLGEAR-ANYPLACEUSB-H6C Datasheet
644Kb / 3P
Basic Measurements Mounting Holes
2021/10/5
More results

Similar Description - ANYPLACEUSB-H6

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
ANYPLACEUSB-H6C COOLGEAR-ANYPLACEUSB-H6C Datasheet
644Kb / 3P
Basic Measurements Mounting Holes
2021/10/5
CG-4P31CHUB COOLGEAR-CG-4P31CHUB Datasheet
117Kb / 3P
Basic Measurements Mounbting Holes
2021/5/18
CG-4U3CML COOLGEAR-CG-4U3CML Datasheet
391Kb / 3P
Basic Measurements Mounting Holes
3/23/2021
CG-6PU3DH-A COOLGEAR-CG-6PU3DH-A Datasheet
616Kb / 3P
Basic Measurements Mounting Holes
4/1/2021
CG-6PU3DH-C COOLGEAR-CG-6PU3DH-C Datasheet
637Kb / 3P
Basic Measurements Mounting Holes
5/10/2021
CG-43AB1 COOLGEAR-CG-43AB1 Datasheet
402Kb / 2P
Basic Measurements Mounting Holes
4/30/2021
CG-43AB1VV COOLGEAR-CG-43AB1VV Datasheet
401Kb / 2P
Basic Measurements Mounting Holes
6/4/2021
CG-PD60PPS COOLGEAR-CG-PD60PPS Datasheet
314Kb / 2P
Basic Measurements Mounting Holes Detailed Port Measurements
3/25/2021
CG-PDC100W-PCBA COOLGEAR-CG-PDC100W-PCBA Datasheet
178Kb / 1P
Basic Measurements Port detailed Mounting holes
6/24/2022
USB-ISO-M COOLGEAR-USB-ISO-M Datasheet
247Kb / 1P
Basic Measurements Port Detailed Mounting Holes
5/14/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com