Electronic Components Datasheet Search
  English  ▼

X  

8093364 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8093364
Description  Parallel kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8093364 Datasheet(HTML) 1 Page - Festo Corporation.

  8093364 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parallel kit
EAMM-U-65-T42-60R-87
Part number: 8093364
Data sheet
Feature
Value
Size
65
Center-to-center distance
87 mm
Mounting position
Any
Gear ratio
1:1
Max. rotational speed
3000 1/min
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 95 %
Degree of protection
IP40
Ambient temperature
0 °C ... 50 °C
Mass moment of inertia
41.2 kgmm²
No-load driving torque
0.22 Nm
Transferable torque
3 Nm
Product weight
602 g
Interface code, actuator
T42
Interface code, motor in
60R
Note on materials
RoHS-compliant
1/1/23 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8093364

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8093 ETC2-8093 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
logo
Knowles Electronics
8093 KNOWLES-8093 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
TE Connectivity Ltd
80930 TEC-80930 Datasheet
33Kb / 1P
INSULATING BOOT
logo
Festo Corporation.
8093003 FESTO-8093003 Datasheet
83Kb / 1P
Stopper cylinders
8093004 FESTO-8093004 Datasheet
83Kb / 1P
Stopper cylinders
More results

Similar Description - 8093364

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1202436 FESTO-1202436 Datasheet
71Kb / 1P
Parallel kit
12/26/22
1210442 FESTO-1210442 Datasheet
68Kb / 1P
Parallel kit
12/26/22
1215802 FESTO-1215802 Datasheet
72Kb / 1P
Parallel kit
12/26/22
1217373 FESTO-1217373 Datasheet
69Kb / 1P
Parallel kit
12/26/22
2155875 FESTO-2155875 Datasheet
72Kb / 1P
Parallel kit
12/26/22
2617488 FESTO-2617488 Datasheet
69Kb / 1P
Parallel kit
12/26/22
2619586 FESTO-2619586 Datasheet
70Kb / 1P
Parallel kit
12/26/22
2802441 FESTO-2802441 Datasheet
71Kb / 1P
Parallel kit
12/26/22
2803125 FESTO-2803125 Datasheet
72Kb / 1P
Parallel kit
12/26/22
1435968 FESTO-1435968 Datasheet
58Kb / 1P
Parallel kit
12/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com