Electronic Components Datasheet Search
  English  ▼

X  

25152 Datasheet(PDF) 2 Page - Alpha Wire

Part # 25152
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25152 Datasheet(HTML) 2 Page - Alpha Wire

  25152 Datasheet HTML 1Page - Alpha Wire 25152 Datasheet HTML 2Page - Alpha Wire 25152 Datasheet HTML 3Page - Alpha Wire 25152 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental
Properties
1) UL
a) Component 1
AWM/STYLE 1569
105°C / 300 VRMS
b) Overall
AWM/STYLE 20668
90°C / 300 VRMS
VW-1
2) CSA International
C(RU) AWM I/II A/B
90°C / 300 VRMS
FT1
3) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.
2) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-30 to 90°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
30 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
43 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
77 pF/ft @1 kHz, Nominal
4) Characteristic Impedance
49 Ω
5) Inductance
0.19 μH/ft, Nominal
6) Conductor DCR
10.2 Ω/1000ft @20°C, Nominal
7) OA Shield DCR
3.3 Ω/1000ft @20°C, Nominal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com