Electronic Components Datasheet Search
  English  ▼

X  

P30L0FDF102ML Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P30L0FDF102ML
Description  Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30L0FDF102ML Datasheet(HTML) 4 Page - Vishay Siliconix

  P30L0FDF102ML Datasheet HTML 1Page - Vishay Siliconix P30L0FDF102ML Datasheet HTML 2Page - Vishay Siliconix P30L0FDF102ML Datasheet HTML 3Page - Vishay Siliconix P30L0FDF102ML Datasheet HTML 4Page - Vishay Siliconix P30L0FDF102ML Datasheet HTML 5Page - Vishay Siliconix P30L0FDF102ML Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P30L
www.vishay.com
Vishay Sfernice
Revision: 25-Jul-2022
4
Document Number: 51056
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque / typical value
3 Ncm
4.25 oz.-inch
End stop torque
70 Ncm max.
99 oz.-inch max.
Tightening torque of mounting nut
250 Ncm max.
22.13 lb-inch max.
Unit weight
23 g to 32 g max.
0.8 oz. to 1.13 oz.
Terminals
e3: pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/56
Sealing
Fully sealed - container IP67
OPTIONS
Special feature command shaft
Length is measured from the mounting surface to the free end of the shaft. The screwdriver
slot is aligned with the wiper within ± 10°. Special shafts are available, in accordance to
drawings supplied by customers. We recommend that customers should not machine tool
shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided.
Panel sealing
The panel sealing device consists of a ring located in a groove on the potentiometer face.
Sealing is obtained by tightening the ring against the panel when mounting the
potentiometer.
Locating peg
Location is obtained by fitting a special washer on the mounting face of the potentiometer.
MARKING
• Vishay trademark
• Full ordering information (see Ordering Information table)
• Manufacturing date code
• Marking of terminals 3, and a, b, c
APPLICATION NOTE
The potentiometer shall be used in voltage divider with an impedance load at least
100 times higher than the total potentiometer nominal resistance value.
Advised load impedance:
1 M
Ω min. for resistance range of 1kΩ to 50 kΩ
(1) a
(2) b
c (3)
cw
V
s
V
e
Z >
1 M
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com