Electronic Components Datasheet Search
  English  ▼

X  

CO4580 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CO4580
Description  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CO4580 Datasheet(HTML) 2 Page - Ceramate Technical

  CO4580 Datasheet HTML 1Page - Ceramate Technical CO4580 Datasheet HTML 2Page - Ceramate Technical CO4580 Datasheet HTML 3Page - Ceramate Technical CO4580 Datasheet HTML 4Page - Ceramate Technical CO4580 Datasheet HTML 5Page - Ceramate Technical CO4580 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CO4580
Dual Operational Amplifier
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 6
Rev 1.0 Jul. 26, 2002
ORDERING INFORMATION
Package
CO4580N
MAXIMUM RATINGS
(Ta=25℃)
PARAMETER
SYMBOL
LIMITS
UNIT
Supply Voltage
Vcc
±18
V
Differential input voltage
VI(DIFF)
±30
V
Output Current
IO
±50
mA
Input Voltage
VI
±15
V
Power dissipation P-DIP 8
SOP 8
PD
800
300
mW
Operating temperature
TOPR
-40~+85
oC
Storage temperature
TSTG
-40~+125
oC
ELECTRICAL CHARACTERISTICS
(Ta=25℃,V+/V-=
±15V)
PARAMETER
SYMBOL TEST CONDUCTION MIN. TYP.
MAX.
UNIT
Input Offset Voltage
VIO
Rs≦10KΩ
-
0.5
3
mV
Input Offset Current
IIO
-
5
200
nA
Input Bias Current
IB
-
100
500
nA
Large Signal Voltage Gain
Av
RL≧2K
Ω,Vo=±10V
90
110
-
dB
Output Voltage Swing
VOM
RL=2KΩ
±12 ±13.5
-
V
Input Common Mode Voltage Range
VICM
±12 ±13.5
-
V
Common Mode Rejection Ratio
CMR
Rs≦10KΩ
80
110
-
dB
Supply Voltage Rejection Ratio
SVR
Rs≦10KΩ
80
110
-
dB
Operating Current
Icc
-
6
9
mA
Slew Rate
SR
RL≧2K
Ω
-
5
-
V/μs
Gain Bandwidth Product
GB
f=10KHZ
-
15
-
MHz
Total Harmonic Distortion
THD
Av=20dB,Vo=5V,
RL=2K
Ω, f=1KHZ
-
0.0005
-
%
Input Noise Voltage
VNI
RIAA Rs=2.2K
Ω,
30KHZLPF
-
0.8
-
μ
Vrms
Blank SO-8
N=PDIP8
A=SO-8 & taping



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com