Electronic Components Datasheet Search
  English  ▼

X  

CP103 Datasheet(PDF) 3 Page - Ceramate Technical

Part # CP103
Description  Dual OP Amp And Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP103 Datasheet(HTML) 3 Page - Ceramate Technical

  CP103 Datasheet HTML 1Page - Ceramate Technical CP103 Datasheet HTML 2Page - Ceramate Technical CP103 Datasheet HTML 3Page - Ceramate Technical CP103 Datasheet HTML 4Page - Ceramate Technical CP103 Datasheet HTML 5Page - Ceramate Technical CP103 Datasheet HTML 6Page - Ceramate Technical CP103 Datasheet HTML 7Page - Ceramate Technical CP103 Datasheet HTML 8Page - Ceramate Technical CP103 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CP103
Dual OP Amp And Voltage Reference
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 9
Rev 1.1 Oct. 28,2004
X
Blank: SOP-8, Tube
A: SOP-8, Taping
N: DIP-8, Tube
Blank: VREF±1%
G: VREF±0.5%
Ordering Information
CP103 X
Parameter
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
40
V
Op Amp 1 and 2 Input Voltage Range (Pins 2, 5, 6)
VIN
- 0.3 to VCC + 0.3
V
Op Amp 2 Input Differential Voltage (Pins 5, 6)
VID
40
V
Voltage Reference Cathode Current (Pin 3)
IK
30
mA
Power Dissipation
PD
DIP-8
800
mW
SOP-8
500
Storage Temperature Range
TSTG
-65 to 150
oC
ESD Protection Voltage (Human Body Model)
≥ 2000
V
Absolute Maximum Ratings (Note 1)
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings " may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings " for extended periods may affect device reliability.
Parameter
Min
Max
Unit
Supply Voltage
3
36
V
Ambient Temperature
-40
105
oC
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com