Electronic Components Datasheet Search
  English  ▼

X  

CP103A Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP103A
Description  Dual OP Amp And Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP103A Datasheet(HTML) 5 Page - Ceramate Technical

  CP103A Datasheet HTML 1Page - Ceramate Technical CP103A Datasheet HTML 2Page - Ceramate Technical CP103A Datasheet HTML 3Page - Ceramate Technical CP103A Datasheet HTML 4Page - Ceramate Technical CP103A Datasheet HTML 5Page - Ceramate Technical CP103A Datasheet HTML 6Page - Ceramate Technical CP103A Datasheet HTML 7Page - Ceramate Technical CP103A Datasheet HTML 8Page - Ceramate Technical CP103A Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CP103
Dual OP Amp And Voltage Reference
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 9
Rev 1.1 Oct. 28,2004
Parameter
Conditions
Min
Typ
Max
Unit
Op Amp 2 Section (VCC = 5V, VO = 1.4V, TA = 25oC, unless otherwise noted)
Input Offset Voltage
TA = 25oC
0.5
3
mV
TA = -40 to 105oC
5
Input Offset Voltage Temperature
Drift
TA = -40 to 105oC
7
µV/oC
Input Offset Current
TA = 25oC
230
nA
Input Bias Current
TA = 25oC
20
150
nA
Input Voltage Range
VCC = 0 to 36V
0
VCC - 1.5
V
Common Mode Rejection Ratio
TA = 25oC, VCM = 0 to 3.5V
70
85
dB
Large Signal Voltage Gain
VCC = 15V, RL = 2kΩ, VO = 1.4 to 11.4V
85
100
dB
Power Supply Rejection Ratio
VCC = 5 to 30V
70
90
d
Β
Output Current
Source
VCC = 15V, VID = 1V, VO = 2V
20
40
mA
Sink
VCC = 15V, VID = -1V, VO = 2V
720
mA
Output Voltage Swing (High)
VCC = 30V, RL = 10kΩ, VID = 1V
27
28
V
Output Voltage Swing (Low)
VCC = 30V, RL = 10kΩ, VID = -1V
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ, AV = 1,
VIN = 0.5 to 2V, CL = 100pF
0.2
0.5
V/
µ s
Unity Gain Bandwidth
VCC = 30V, RL = 2kΩ, CL = 100pF
0.7
1.0
MHz
Electrical Characteristics (Continued)
Operating Conditions: VCC = +5V, TA= 25oC unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com