Electronic Components Datasheet Search
  English  ▼

X  

CP1117 Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP1117
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP1117 Datasheet(HTML) 5 Page - Ceramate Technical

  CP1117 Datasheet HTML 1Page - Ceramate Technical CP1117 Datasheet HTML 2Page - Ceramate Technical CP1117 Datasheet HTML 3Page - Ceramate Technical CP1117 Datasheet HTML 4Page - Ceramate Technical CP1117 Datasheet HTML 5Page - Ceramate Technical CP1117 Datasheet HTML 6Page - Ceramate Technical CP1117 Datasheet HTML 7Page - Ceramate Technical CP1117 Datasheet HTML 8Page - Ceramate Technical CP1117 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CP1117
Low Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 12
Rev 1.4 Apr.29, 2005
Electrical Characteristics
Operating Conditions: VIN≦10V, TJ =25oC unless otherwise specified.
Parameter
Conditions
Min
Typ.
Max
Unit
Reference Voltage
CP1117- ADJ IOUT = 10mΑ, VIN-VOUT = 2V
10mA≦IOUT≦1A, 1.4V≦VIN-VOUT≦8V,
P≦Maximum Power Dissipation
1.238
1.225
1.250
1.250
1.264
1.270
V
CP1117-1.5, IOUT = 10mΑ, VIN = 3.5V
10mA≦IOUT≦1A, 3.0V≦VIN≦10V
1.485
1.470
1.5
1.5
1.515
1.530
V
CP1117-1.8, IOUT = 10mΑ, VIN = 3.8V
10mA≦IOUT≦1A, 3.2V≦VIN≦10V
1.782
1.746
1.8
1.8
1.818
1.854
V
CP1117-2.5, IOUT = 10mΑ, VIN = 4.5V
10mA≦IOUT≦1A, 3.9V≦VIN≦10V
2.475
2.450
2.5
2.5
2.525
2.550
V
CP1117-3.3, IOUT = 10mΑ, VIN = 5.0V
10mA≦IOUT≦1A, 4.75V≦VIN≦10V
3.267
3.235
3.3
3.3
3.333
3.365
V
Output Voltage
CP1117-5.0, IOUT = 10mΑ, VIN = 7.0V
10mA≦IOUT≦1A, 6.5V≦VIN≦12V
4.950
4.900
5.0
5.0
5.050
5.100
V
CP1117-ADJ
IOUT = 10Ma, 1.5V≦VIN-VOUT≦10V
0.035
0.2
%
CP1117-1.5
IOUT = 10mA, 1.5V≦VIN-VOUT≦10V
1
6
mV
CP1117-1.8
IOUT = 10mA, 1.5V≦VIN-VOUT≦10V
1
6
mV
CP1117-2.5
IOUT = 10mA, 1.5V≦VIN-VOUT≦10V
1
6
mV
CP1117-3.3
IOUT = 10mA, 1.5V≦VIN-VOUT≦10V
1
6
mV
Line Regulation
CP1117-5.0
IOUT = 10mA, 1.5V≦VIN-VOUT≦10V
1
10
mV
CP1117-ADJ
VIN -VOUT = 2V, 10mA≦IOUT≦1Α
0.2
0.4
%
CP1117-1.5
VIN -VOUT = 2V, 10mA≦IOUT≦1Α
1
10
mV
CP1117-1.8
VIN -VOUT = 2V, 10mA≦IOUT≦1Α
1
10
mV
CP1117-2.5
VIN -VOUT = 2V, 10mA≦IOUT≦1Α
1
10
mV
CP1117-3.3
VIN -VOUT = 2V, 10mA≦IOUT≦1Α
1
10
mV
Load Regulation
CP1117-5.0
VIN -VOUT = 2V, 10mA≦IOUT≦1Α
1
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com