Electronic Components Datasheet Search
  English  ▼

X  

AP66300Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP66300Q
Description  3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66300Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP66300Q Datasheet HTML 9Page - Diodes Incorporated AP66300Q Datasheet HTML 10Page - Diodes Incorporated AP66300Q Datasheet HTML 11Page - Diodes Incorporated AP66300Q Datasheet HTML 12Page - Diodes Incorporated AP66300Q Datasheet HTML 13Page - Diodes Incorporated AP66300Q Datasheet HTML 14Page - Diodes Incorporated AP66300Q Datasheet HTML 15Page - Diodes Incorporated AP66300Q Datasheet HTML 16Page - Diodes Incorporated AP66300Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AP66300Q
Document number: DS43723 Rev. 1 - 2
13 of 25
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66300Q
Application Information
Theory of Operation
The AP66300Q is a 3A current mode control, synchronous buck regulator with integrated power MOSFETs. Current mode control assures
excellent line regulation, load regulation, and a wide loop bandwidth for fast response to load transients. Figure 1 and figure 4 depicts the typical
application schematic and functional block diagram of AP66300Q. The buck controller drives the internal N-FETs. The buck regulator can operate
from an unregulated DC source, such as a battery, with a voltage ranging from 3.8V to 60V. The converter output can be regulated as low as 0.8V
to as high as 50V.
The feedback loop is compensated internally. See “Loop Compensation Design” for more details.
Internal VCC Regulator
An internal low dropout regulator produces the 4.8V supply from VIN that powers the drivers and the internal bias circuity. The VCC can supply
enough current for the AP66300
Q’s circuitry and must be bypassed to PGND with a minimum of 1µF ceramic capacitor. Good bypassing is
necessary to supply the high transient currents required by the power MOSFET gate drivers. To improve efficiency, the internal 5V regulator can
also draw current from the BIAS pin when its voltage is at 4.5V or higher. If BIAS is connected to an external supply far away, be sure to bypass
with a local ceramic capacitor. If the BIAS pin voltage is below 4.25V, the internal 5V regulator will source current from VIN. Application with high
input voltage or high switching frequency where the internal 4.8V regulator pulls current from VIN will increase the die temperature.
Enable, Soft-Start, Tracking, Sequencing, and Disable
The enable (EN) input allows the user to control turning on or off the regulator. Once the voltage on the EN pin is above its threshold, the buck
controller powers up and soft-start begins.
The regulator does not allow the regulator to sink current during the soft-start period. The default time is 1.7ms if SS/TR pin is tied to VCC. The
soft-start time can be extended by connecting an external capacitor between SS/TR and GND. The capacitor along with an internal ISS of 1µA, sets
the soft-start interval of the converter, TSS, according to equation below:
CSS (nF) = 1.25*TSS (ms)
Ratiometric tracking is achieved in Figure 37 by using the same value for the soft-start capacitor on each power rail.
IC#1
SS/
TR
IC#2
SS/
TR
CSS
5V
3.3V
Ratiometric Configuration
Performance
T
5V
3.3V
Figure 37. Ratiometic Configuration
By connecting a feedback network from the higher output voltage as shown in the Figure 38 below, coincidental track is implemented. The ratio of
R3 and R4 should match with the ratio of feedback resistor divider of IC#2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com