Electronic Components Datasheet Search
  English  ▼

X  

2517030 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2517030
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2517030 Datasheet(HTML) 1 Page - Alpha Wire

  2517030 Datasheet HTML 1Page - Alpha Wire 2517030 Datasheet HTML 2Page - Alpha Wire 2517030 Datasheet HTML 3Page - Alpha Wire 2517030 Datasheet HTML 4Page - Alpha Wire 2517030 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 25170/30
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
30 X 1 COND
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.016" Wall, Nom. PVC
0.079
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
11
PINK
21
WHITE/BROWN
2
RED
12
TAN
22
WHITE/ORANGE
3
WHITE
13
RED/GREEN
23
WHITE/SLATE
4
GREEN
14
RED/YELLOW
24
WHITE/VIOLET
5
ORANGE
15
RED/BLACK
25
WHITE/BLACK/R
ED
6
BLUE
16
WHITE/BLACK
26
WHITE/BLACK/G
REEN
7
BROWN
17
WHITE/RED
27
WHITE/BLACK/Y
ELLOW
8
YELLOW
18
WHITE/GREEN
28
WHITE/BLACK/B
LUE
9
VIOLET
19
WHITE/YELLOW 29
WHITE/BLACK/B
ROWN
10
SLATE
20
WHITE/BLUE
30
WHITE/BLACK/O
RANGE
2) Cable Assembly
30 Components Cabled


Similar Part No. - 2517030

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25170 ALPHAWIRE-25170 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
25170/15 ALPHAWIRE-25170/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25170/20 ALPHAWIRE-25170/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
25170/25 ALPHAWIRE-25170/25 Datasheet
93Kb / 4P
Customer Specification
1/4/2023
25170/40 ALPHAWIRE-25170/40 Datasheet
94Kb / 5P
Customer Specification
1/9/2023
More results

Similar Description - 2517030

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com