Electronic Components Datasheet Search
  English  ▼

X  

2.5-B Datasheet(PDF) 1 Page - Ceramate Technical

Part # 2.5-B
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

2.5-B Datasheet(HTML) 1 Page - Ceramate Technical

  2.5-B Datasheet HTML 1Page - Ceramate Technical 2.5-B Datasheet HTML 2Page - Ceramate Technical 2.5-B Datasheet HTML 3Page - Ceramate Technical 2.5-B Datasheet HTML 4Page - Ceramate Technical 2.5-B Datasheet HTML 5Page - Ceramate Technical 2.5-B Datasheet HTML 6Page - Ceramate Technical 2.5-B Datasheet HTML 7Page - Ceramate Technical 2.5-B Datasheet HTML 8Page - Ceramate Technical 2.5-B Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CP1117
Low Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 12
Rev 1.4 Apr.29, 2005
General Description
Features
The CP1117 is a series of low dropout three-terminal
Low dropout voltage: 1.2V at 1A output current
regulators with a dropout of 1.2V at 1A output current.
Trimmed current limit
The CP1117 has an adjustable version, that can
On-chip thermal shutdown
provide the output voltage from 1.25V to 12V with only 2
Three-terminal adjustable of fixed 1.5V, 1.8V,
external resistors.
2.5V, 3.3V, 5V
The CP1117 series provides current limiting and
thermal shutdown. Its circuit includes a trimmed bandgap
reference to assure output voltage accuracy to be
within 1%. Current limit is trimmed to ensure specified
Applications
output current and controlled short-circuit current.
Onchip thermal shutdown provides protection against any
PC Motherboard
combination of overload and ambient temperature that
LCD Monitor
would create excessive junction temperature.
Graphic Card
The CP1117 eries is available in the industry
DVD-Video Player
standard SOT-223 power package
NIC/Switch
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
SOT-223
SOT-223
Pin Configurations
INPUT
OUTPUT
ADJ/GND
VOUT
1
2
3
Operation junction temp.: 0
to 125
℃℃
TO-252
TO-252
INPUT
OUTPUT
ADJ/GND
VOUT
1
2
3


Similar Part No. - 2.5-B

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
2.5-VLVTTL ALTERA-2.5-VLVTTL Datasheet
836Kb / 34P
This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
More results

Similar Description - 2.5-B

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
Low Dropout Linear Regulator
REV. B
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com