Electronic Components Datasheet Search
  English  ▼

X  

T52 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T52
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T52 Datasheet(HTML) 2 Page - Vishay Siliconix

  T52 Datasheet HTML 1Page - Vishay Siliconix T52 Datasheet HTML 2Page - Vishay Siliconix T52 Datasheet HTML 3Page - Vishay Siliconix T52 Datasheet HTML 4Page - Vishay Siliconix T52 Datasheet HTML 5Page - Vishay Siliconix T52 Datasheet HTML 6Page - Vishay Siliconix T52 Datasheet HTML 7Page - Vishay Siliconix T52 Datasheet HTML 8Page - Vishay Siliconix T52 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
T52
www.vishay.com
Vishay
Revision: 30-Aug-2022
2
Document Number: 40216
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development, contact factory for availability
DIMENSIONS in inches [millimeters]
CASE CODE B2, E5
CASE CODE EIA SIZE H (MAX.)
L
W
P1
P2 (REF.)
C
B (REF.)
D (REF.)
B2
3528-12
0.047
[1.2]
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.031 ± 0.008
[0.8 ± 0.2]
0.077
[1.95]
0.079 ± 0.004
[2.0 ± 0.1]
--
E5
7343-15
0.059
[1.5]
0.287 ± 0.012
[7.3 ± 0.3]
0.169 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.008
[1.3 ± 0.2]
0.191
[4.85]
0.094 ± 0.008
[2.4 ± 0.2]
--
CASE CODE M1, M9
CASE CODE EIA SIZE H (MAX.)
L
W
P1
P2 (REF.)
C
B (REF.)
D (REF.)
M1
7360-20
0.079
[2.0]
0.287 ± 0.012
[7.3 ± 0.3]
0.236 ± 0.012
[6.0 ± 0.3]
0.075 ± 0.008
[1.9 ± 0.2]
0.138
[3.5]
0.177 ± 0.008
[4.5 ± 0.2]
0.079
[2.0]
0.020
[0.5]
M9
7360-19
0.075
[1.9]
0.287 ± 0.012
[7.3 ± 0.3]
0.236 ± 0.012
[6.0 ± 0.3]
0.075 ± 0.008
[1.9 ± 0.2]
0.138
[3.5]
0.177 ± 0.008
[4.5 ± 0.2]
0.079
[2.0]
0.020
[0.5]
RATINGS AND CASE CODES (ESR mΩ)
μF
10 V
16 V
20 V
25 V
35 V
47
B2 (200)
E5 (55, 70, 100)
E5 (55, 70, 100)
100
E5 (55, 70, 100)
M1 (55, 70, 100),
M9 (55, 70 100)
150
E5 (50, 70, 100)
M1 (55, 70, 100)
220
M1 (55)
M1 (55, 70)
M1 (55, 70, 100)
330
M1 (55)
M1 (40, 55)
470
M1 (55) (1)
Anode
termination
Cathode
termination
Anode polarity mark
0.25 mm Ref.
0.05 mm Ref.
AA
View A
Both sides typical
P2
P1
P1
L
A
A
P1
P2
P1
L
Anode polarity mark
Anode
termination
D
0.25 mm Ref.
Cathode
termination
View A
Both sides typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com