Electronic Components Datasheet Search
  English  ▼

X  

T58 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T58
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T58 Datasheet(HTML) 2 Page - Vishay Siliconix

  T58 Datasheet HTML 1Page - Vishay Siliconix T58 Datasheet HTML 2Page - Vishay Siliconix T58 Datasheet HTML 3Page - Vishay Siliconix T58 Datasheet HTML 4Page - Vishay Siliconix T58 Datasheet HTML 5Page - Vishay Siliconix T58 Datasheet HTML 6Page - Vishay Siliconix T58 Datasheet HTML 7Page - Vishay Siliconix T58 Datasheet HTML 8Page - Vishay Siliconix T58 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
T58
www.vishay.com
Vishay
Revision: 07-Jul-2022
2
Document Number: 40189
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development: preliminary rating and electrical values. Contact factory for availability
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
H (MAX.)
L
W
P1
P2 (REF.)
C
MM
1608-09
0.035
[0.9]
0.063 ± 0.008
[1.6 ± 0.2]
0.033 ± 0.008
[0.85 ± 0.2]
0.020 ± 0.004
[0.5 ± 0.1]
0.024
[0.6]
0.024 ± 0.004
[0.6 ± 0.1]
W9
2012-09
0.035
[0.9]
0.079 ± 0.008
[2.0 ± 0.2]
0.049 ± 0.008
[1.25 ± 0.2]
0.020 ± 0.004
[0.5 ± 0.1]
0.039
[1.0]
0.035 ± 0.004
[0.9 ± 0.1]
W0
2012-10
0.039
[1.0]
0.079 ± 0.008
[2.0 ± 0.2]
0.049 ± 0.008
[1.25 ± 0.2]
0.020 ± 0.004
[0.5 ± 0.1]
0.039
[1.0]
0.035 ± 0.004
[0.9 ± 0.1]
A0
3216-10
0.039
[1.0]
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.031 ± 0.004
[0.8 ± 0.1]
0.063
[1.6]
0.047 ± 0.004
[1.2 ± 0.1]
BB
3528-20
0.079
[2.0]
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.031 ± 0.008
[0.8 ± 0.2]
0.077
[1.95]
0.094 ± 0.004
[2.4 ± 0.1]
RATINGS AND CASE CODES (ESR mΩ)
μF
6.3 V
8.2 V
10 V
16 V
25 V
35 V
1
W9 (500)
4.7
W0 (500)
10
MM (300, 500)
22
MM (300, 500) /
W9 (500)
BB (100, 150)
47
W9 (150, 200, 300)
W0 (300, 500)
A0 (175) (1)
BB (90, 200)
100
A0 (200)
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com