Electronic Components Datasheet Search
  English  ▼

X  

CP10843.3VC2 Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP10843.3VC2
Description  5A Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10843.3VC2 Datasheet(HTML) 5 Page - Ceramate Technical

  CP10843.3VC2 Datasheet HTML 1Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 2Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 3Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 4Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 5Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 6Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 7Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 8Page - Ceramate Technical CP10843.3VC2 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 11
Rev 1.0 Jul.6, 2004
Electrical Characteristics
Typical and appearing in normal type apply for TJ=25℃. Limits appearing in Boldface type apply over the entire
operating junction temperature range.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
CP1084-ADJ,
IOUT=10mA, VIN-VOUT=3V,
10mA≦IOUT≦5A, 1.5V≦VIN-VOUT≦5V
1.225
1.250
1.270
V
CP1084-1.5,
IOUT=0mA, VIN=4.5V,
10mA≦IOUT≦5A, 3.4V≦VIN≦6V
1.47
1.5
1.53
V
CP1084-1.8,
IOUT=0mA, VIN=4.8V,
10mA≦IOUT≦5A, 3.4V≦VIN≦6V
1.764
1.8
1.836
V
CP1084-2.5,
IOUT=0mA, VIN5.5V,
10mA≦IOUT≦5A, 4.1V≦VIN≦7V
2.45
2.5
2.55
V
CP1084-3.3,
IOUT=0mA, VIN6.3V,
10mA≦IOUT≦5A, 4.9V≦VIN≦8V
3.234
3.3
3.366
V
Output Voltage
VOUT
CP1084-5.0,
IOUT=0mA, VIN8V,
10mA≦IOUT≦5A, 6.6V≦VIN≦10V
4.9
5
5.1
V
CP1084-ADJ,
IOUT=10mA, 2.85V≦VIN≦10V
0.035
0.2
%
CP1084-1.5,
IOUT=10mA, 3.1V≦VIN≦10V
1
6
mV
CP1084-1.8,
IOUT=10mA, 3.4V≦VIN≦10V
1
6
mV
CP1084-2.5,
IOUT=10mA, 4.1V≦VIN≦10V
1
6
mV
CP1084-3.3,
IOUT=10mA, 4.9V≦VIN≦10V
1
6
mV
Line Regulation
△V
OUT
CP1084-5.0,
IOUT=10mA, 6.6V≦VIN≦10V
1
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com