Electronic Components Datasheet Search
  English  ▼

X  

STJ Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # STJ
Description  Multi-Directional Actuator, Process Sealed Tactile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

STJ Datasheet(HTML) 1 Page - CIT Relay & Switch

  STJ Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
Specifications and availability subject to change without notice.
Dimensions are shown for reference purposes only.
STJ Rev B 11/2022
20550 Commerce Blvd, Rogers, MN 55374 USA
Sales (763) 535-2339
www.CITRelay.com
email: sales@CITRelay.com
1 of 1
Multi-Directional Actuator, Process Sealed Tactile
STJ
Specifications
PO
PO
PO
OS.
S 1
OSSSSS 1
OSSSSS 1
POS.
S 2
Actuator Travel
1.6 ± .25mm
Dielectric Strength
500Vrms min
Insulation Resistance
>100MΩ min
Operating Temperature -40ºC to 85ºC
Storage Temperature
-40ºC to 85ºC
Sealing Degree
IP67
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
<50mΩ initial
Actuation Force
130 ± 50gF
200 ± 50gF
300 ± 50gF
Actuator
Stainless Steel
Actuator Cover
Stainless Steel
Switch Housing
6/6 Nylon
Contacts
Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
1. Series
STJ
F200
Q
STJ
2. Actuation Force
F130 = F130gF
F200 = F200gF
F300 = F300gF
3. Contact Material
Q = Silver
Materials
Ordering Information
Dimensions
Schematic & PC Layout
7.21
[.28]
7.30
[.29]
6.00
[.24]
0.55
[.02]
4.20
[.17]
9.00
[.35]
7.62
[.30]
1.99
[.08]
2.80
[.11]
Ø 5.40
[.21]
R1.90
[.07]
0.30 TYP.
[.01]
0.60 TYP.
[.02]
5.08
[.20]
2.15
[.08]
4
2
1
3
4
3
1
2
7.62
[.30]
5.08
[.20]
(4X) Ø 0.90
[.04]


Similar Part No. - STJ

ManufacturerPart #DatasheetDescription
logo
Eravant
STJ-2024-S1 ERAVANT-STJ-2024-S1 Datasheet
370Kb / 1P
Instrument Mini Jack, 2.0” x 2.4”
Rev. 1.0
STJ-3030-S1 ERAVANT-STJ-3030-S1 Datasheet
364Kb / 2P
Instrument Mini Jack, 3.0” x 3.0”
Rev. 1.0
STJ-4040-S1 ERAVANT-STJ-4040-S1 Datasheet
359Kb / 1P
Instrument Mini Jack, 4.0” x 4.0”
Rev. 1.0
STJ-6060-S1 ERAVANT-STJ-6060-S1 Datasheet
360Kb / 1P
Instrument Mini Jack, 6.0” x 6.0”
Rev. 1.0
logo
AUK corp
STJ001SF AUK-STJ001SF Datasheet
448Kb / 8P
P-channel Trench MOSFET
More results

Similar Description - STJ

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SOQ-152BJST MITSUMI-SOQ-152BJST Datasheet
81Kb / 2P
Multi-Function Tactile Switches
logo
Omron Electronics LLC
B3WN OMRON-B3WN Datasheet
352Kb / 4P
Sealed Tactile Switch
B3WN OMRON-B3WN_10 Datasheet
304Kb / 4P
Sealed Tactile Switch
B3S1002P OMRON-B3S1002P Datasheet
244Kb / 3P
Sealed Tactile Switch (SMT)
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
Tyco Electronics
ATE MACOM-ATE Datasheet
308Kb / 3P
Toggle Switches, Process Sealed, Vertical and Right Angle, Round Actuator
logo
CIT Relay & Switch
STR CIT-STR Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
logo
Omron Electronics LLC
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
Sealed Tactile Switch
logo
CIT Relay & Switch
STJV CIT-STJV Datasheet
461Kb / 1P
Right Angle, Multi-Directional Actuator, Process Sealed Tactile
Rev B 11/2022
STS CIT-STS Datasheet
264Kb / 2P
Surface Mount Process Sealed Tactile
Rev B 11/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com