Electronic Components Datasheet Search
  English  ▼

X  

JLLS Datasheet(PDF) 3 Page - Littelfuse

Part # JLLS
Description  600 V ac • Fast-Acting • 1–1200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLS Datasheet(HTML) 3 Page - Littelfuse

  JLLS Datasheet HTML 1Page - Littelfuse JLLS Datasheet HTML 2Page - Littelfuse JLLS Datasheet HTML 3Page - Littelfuse JLLS Datasheet HTML 4Page - Littelfuse JLLS Datasheet HTML 5Page - Littelfuse JLLS Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
Class T Fuses
JLLS Series
Littelfuse.com/JLLS
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/14/2022
Ordering Information
UNPLATED
PLATED
AMPERE
CATALOG
NUMBER
PRODUCT
MARKING
PACK
QUANTITY
ORDERING
NUMBER
UPC
CATALOG
NUMBER
PRODUCT
MARKING
PACK
QUANTITY
ORDERING
NUMBER
UPC
110
JLLS110
JLLS 110A
1
JLLS110.X
07945819083
JLLS110P
JLLS 110A-P
1
JLLS110.XXP 07945882175
125
JLLS125
JLLS 125A
1
JLLS125.X
07945819084
JLLS125P
JLLS 125A-P
1
JLLS125.XXP 07945882178
150
JLLS150
JLLS 150A
1
JLLS150.X
07945819086
JLLS150P
JLLS 150A-P
1
JLLS150.XXP 07945882179
175
JLLS175
JLLS 175A
1
JLLS175.X
07945819087
JLLS175P
JLLS 175A-P
1
JLLS175.XXP 07945882180
200
JLLS200
JLLS 200A
1
JLLS200.X
07945819088
JLLS200P
JLLS 200A-P
1
JLLS200.XXP 07945882182
225
JLLS225
JLLS 225A
1
JLLS225.X
07945819089
JLLS225P
JLLS 225A-P
1
JLLS225.XXP 07945882183
250
JLLS250
JLLS 250A
1
JLLS250.X
07945819090
JLLS250P
JLLS 250A-P
1
JLLS250.XXP 07945882184
300
JLLS300
JLLS 300A
1
JLLS300.X
07945819091
JLLS300P
JLLS 300A-P
1
JLLS300.XXP 07945882185
350
JLLS350
JLLS 350A
1
JLLS350.X
07945819092
JLLS350P
JLLS 350A-P
1
JLLS350.XXP 07945882186
400
JLLS400
JLLS 400A
1
JLLS400.X
07945819093
JLLS400P
JLLS 400A-P
1
JLLS400.XXP 07945882187
450
JLLS450
JLLS 450A
1
JLLS450.X
07945819095
JLLS450P
JLLS 450A-P
1
JLLS450.XXP 07945882188
500
JLLS500
JLLS 500A
1
JLLS500.X
07945819096
JLLS500P
JLLS 500A-P
1
JLLS500.XXP 07945882189
600
JLLS600
JLLS 600A
1
JLLS600.X
07945819098
JLLS600P
JLLS 600A-P
1
JLLS600.XXP 07945882190
700
JLLS700
JLLS 700A
1
JLLS700.X
07945805363
JLLS700P
JLLS 700A-P
1
JLLS700.XXP 07945882191
800
JLLS800
JLLS 800A
1
JLLS800.X
07945819103
JLLS800P
JLLS 800A-P
1
JLLS800.XXP 07945882192
900
JLLS900
JLLS 900A
1
JLLS900.X
07945801059
JLLS900P
JLLS 900A-P
1
JLLS900.XXP 07945882193
1000
JLLS1000
JLLS 1000A
1
JLLS1000X
07945801060 JLLS1000XP JLLS 1000A-P
1
JLLS1000XXP 07945882174
1100
JLLS1100
JLLS 1100A
1
JLLS1100X
07945801061 JLLS1100XP JLLS 1100A-P
1
JLLS1100XXP 07945882176
1200
JLLS1200
JLLS 1200A
1
JLLS1200X
07945801062 JLLS1200XP JLLS 1200A-P
1
JLLS1200XXP 07945882177
Dimensions
B
C
A
F
D
F
E
A
B
C
D
G
A
C
D
Fig. 1
Fig. 2
Fig. 3
AMPERAGE
REFER TO
FIG. NO.
DIMENSIONS INCHES (MM)
A
B
C
D
E
F
G
1–30
1
1.500 (38.1)
—
.281 (7.1)
.562 (14.3)
—
—
—
35–60
2
1.562 (39.7)
.812 (20.6)
.406 (10.3)
.994 (25.2)
.062 (1.6)
1.094 (27.8)
—
70–100
3
2.953 (75.0)
2.352 (59.7)
.750 (19.1)
.828 (21.0)
1.625 (41.3)
.281 (7.1)
.125 (3.2)
110–200
3
3.250 (82.6)
2.507 (63.7)
.875 (22.2)
1.078 (27.4)
1.656 (42.1)
.343 (8.7)
.187 (4.8)
225–400
3
3.625 (92.1)
2.718 (69.1)
1.000 (25.4)
1.593 (40.5)
1.712 (43.5)
.406 (10.3)
.250 (6.4)
450–600
3
3.984 (101.2)
2.953 (75.0)
1.250 (31.8)
2.062 (52.4)
1.765 (44.8)
.484 (12.3)
.312 (7.9)
700–800
3
4.328 (109.9)
3.171 (80.6)
1.750 (44.5)
2.500 (63.5)
1.860 (47.2)
.546 (13.9)
.375 (9.5)
900–1200
3
5.271 (133.9)
3.801 (96.5)
2.000 (50.8)
2.625 (66.7)
2.303 (58.5)
.609 (15.5)
.437 (11.1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com